Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C7247 Datasheet(PDF) 2 Page - Hamamatsu Corporation

Part # C7247
Description  DA-TYPE SOCKET ASSEMBLIES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

C7247 Datasheet(HTML) 2 Page - Hamamatsu Corporation

  C7247 Datasheet HTML 1Page - Hamamatsu Corporation C7247 Datasheet HTML 2Page - Hamamatsu Corporation C7247 Datasheet HTML 3Page - Hamamatsu Corporation C7247 Datasheet HTML 4Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DA-TYPE SOCKET ASSEMBLIES C7247 SERIES
TACCC0115EB
Figure 1. Schematic Diagram
Figure 2. Frequency Response of Built-in Amplifier
TACCB0065EB
K
-HV
C2
C1
DY1 DY2 DY3 DY4 DY5 DY6 DY7 DY8
DY9
DY10
DY11
C3
C4
SIGNAL OUTPUT
AMP
P
50
Ω
TRANSISTOR
CIRCUIT
C1, C2: 0.01
µF
C3: 0.022
µF
C4: 0.047
µF
0.01
100
0.1
-20
5
-3dB
-5
0
-10
-15
FREQUENCY (MHz)
10
110



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com