Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APS2012 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # APS2012
Description  PowerVerter짰 APS 2000W Inverter/Charger with Auto-Transfer Switching and Hardwire Input/Output
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

APS2012 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  APS2012 Datasheet HTML 1Page - List of Unclassifed Manufacturers APS2012 Datasheet HTML 2Page - List of Unclassifed Manufacturers APS2012 Datasheet HTML 3Page - List of Unclassifed Manufacturers APS2012 Datasheet HTML 4Page - List of Unclassifed Manufacturers APS2012 Datasheet HTML 5Page - List of Unclassifed Manufacturers APS2012 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Supports 120V AC output from a 120V AC 16.6 millisecond automatic transfer between line and battery power supports UPS protection during blackouts
and voltage fluctuations for equipment compatible with a one cycle transfer time
2000 watts continuous AC output in inverter mode, 2400 watts continuous AC output in AC mode
Double Boost inverter output supports momentary startup loads up to 200% of the continuous rating for up to 10 seconds
OverPower inverter output supports longer duration overloads to 150% for 1-60 minutes under ideal battery and temperature conditions. (For best results,
utilize OverPower usage for as short of a duration as possible, ensure battery bank and cabling is able to provide full nominal DC voltage under load and
allow inverter/charger to fully cool before and after OverPower usage.)
3-stage, selectable 25/100 amp battery charger with adjustable settings for wet/gel battery types offers fast, reliable battery recharging
Protected hardwire bolt-down input lugs safely accept heavy gauge input wiring from attached battery bank
Protected hardwire output passes 120V line power or inverter output through to connected equipment
Reliability enhanced large-transformer design with secure mounting flanges and protected DC wiring terminals
Moisture-resistant construction enables vehicular or marine operation in high humidity environments
3 position operating mode switch supports "AUTO" mode to enable automatic transfer between DC and AC modes, CHARGE-ONLY to maintain a full
battery charge when AC is present without auto transfer and SYSTEM OFF settings
Set of six front panel LEDs display AC/DC operational modes, overload status, DC voltage level, shutdown status and system fault status
Set of 4 configuration dip switches support wet/gel battery charging profiles, adjustable 135/145V high voltage auto transfer during overvoltages and
selectable 75/85/95/105V AC low voltage auto transfer during brownouts
Set of 4 additional configuration dip switches support 4 levels of charger limiting relative to output load size, a battery equalization program and battery
charger low/high settings
Resettable 25A charger AC input breaker and resettable 20A AC output breaker and automatic 2 speed cooling fan protect the inverter from load and
temperature related failures
Internal Grounding Terminal properly connects the inverter/charger system to earth ground or vehicle grounding system
Automatic overload and thermal shutoff safely turns off inverter as excessive loads or overheating conditions develop
Front panel remote control connector enables remote off/on switching (requires APSRM4 switch accessory). Optional APSRM4 accessory also includes
user configurable jacks to support inverter shutoff or startup as a vehicle ignition is engaged
Load sensing control dial enables adjustable load threshold required to automatically turn the inverter on and off in DC mode as load conditions change
Specifications
OVERVIEW
Intended Application
Emergency Home Power (Sump Pumps, Furnace Motors, Lighting, Computers & Radios)
OUTPUT
Frequency compatibility
60 Hz
Output watts
2000
Continuous output capacity (watts)
2000
Peak output capacity (watts)
4000
Output nominal voltage
120V
Output voltage regulation
LINE POWER (AC): Maintains 120V nominal sine wave output from line power source. INVERTER POWER (AC):
Maintains PWM sine wave output voltage of 120 V AC (+/-5%).
Output frequency regulation
60 Hz (+/- 0.3 Hz)
2 / 5



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com