Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APS2012 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # APS2012
Description  PowerVerter짰 APS 2000W Inverter/Charger with Auto-Transfer Switching and Hardwire Input/Output
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

APS2012 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  APS2012 Datasheet HTML 1Page - List of Unclassifed Manufacturers APS2012 Datasheet HTML 2Page - List of Unclassifed Manufacturers APS2012 Datasheet HTML 3Page - List of Unclassifed Manufacturers APS2012 Datasheet HTML 4Page - List of Unclassifed Manufacturers APS2012 Datasheet HTML 5Page - List of Unclassifed Manufacturers APS2012 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PowerVerter® APS 2000W Inverter/Charger with
Auto-Transfer Switching and Hardwire Input/Output
MODEL NUMBER: APS2012
Description
Tripp Lite's APS2012 DC-to-AC inverter with automatic line-to-battery transfer and integrated charging system
serves as an extended run UPS, a standalone power source or an automotive inverter. Supplies up to 2000
watts of continuous 120V AC power from any 12V battery or automotive DC source. OverPower TM inverter
output feature temporarily provides up to 150% of the continuous output for 1-60 minutes, and DoubleBoost TM
inverter output feature delivers up to 200% of the continuous output for up to 10 seconds, providing the extra
power needed to cold start heavy-duty tools and motorized equipment. When hardwire AC input is energized,
commercial power passes through to connected equipment and the battery set is recharged via 3 stage, 25/100
amp charging system. In UPS mode, the APS system responds to blackouts and voltage fluctuations with a near
instantaneous automatic transfer to battery-derived AC output. Includes a set of high current DC input terminals
for simple installation (user supplies batteries and cabling - see owner's manual for recommendations). Passes
sine wave utility or generator power during battery charging and UPS line power operation, plus efficient PWM
sine wave AC output in inverter and UPS backup modes. Reliable large transformer design, with frequency
control powers resistive electronic loads or large inductive motors, compressors and other items with high current
needs on startup. Optional APSRM4 wired remote power switch with full status LEDs provides remote power
inverter on/off switching and continuous status information (APSRM4 sold separate). Supports an unlimited
amount of runtime with any number of user-supplied batteries connected. Highly adaptable to a variety of
applications and site conditions with adjustable charger settings for wet/gel/SLA battery types and selectable line
to battery power transfer voltages.
NOTE: To protect against high current draw that may occur during inverter failure, a fuse link rated at 400a
should be positioned no more than 18" from the APS2012's battery in the positive line.
Features
APS2012 serves as an automotive or stationary DC-to-AC inverter with automatic line-to-battery transfer and integrated battery charger
Supports 120V AC output from a 120V AC line power source or 12V DC battery source
Supports 120V AC output from a 120V AC 16.6 millisecond automatic transfer between line and battery power supports UPS protection during blackouts
Highlights
12V DC or 120V AC input; 120V
AC output (hardwired)
2000 watts continuous, 3000
watts OverPower™ and 4000
watts DoubleBoost™ inverter
output
3 stage, 25/100 amp selectable
wet/dry cell battery charger
Auto Transfer Switching option
for battery backup / UPS
operation
Reliability enhanced
large-transformer design with
protected DC and AC wiring
terminals
Rated over 90% efficient
Applications
Versatile inverter/charger system
with auto-transfer switching
serves as an automotive inverter
for RVs, over-the-road trucking,
conversion vans and fleet service
vehicles; a standalone alternative
power source for off-grid,
alternative energy or export
applications and as an
uninterruptible power supply
(UPS) for items compatible with a
16.6 millisecond transfer time.
NOTE: For sump pump
applications, Tripp Lite
recommends its "UT" Utility Truck
Inverter/Chargers.
Package Includes
APS2012 Inverter/Charger
Instruction manual with warranty
information
1 / 5


Similar Part No. - APS2012

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
APS2415 ETC-APS2415 Datasheet
545Kb / 8P
1.2MHz, 1.5A Synchronous Step-Down Converter
V0.0
APS2415TBER-ADJ ETC-APS2415TBER-ADJ Datasheet
545Kb / 8P
1.2MHz, 1.5A Synchronous Step-Down Converter
V0.0
APS2424 ETC2-APS2424 Datasheet
511Kb / 6P
PowerVerter짰 APS 2400W Inverter/Charger with Auto-Transfer Switching and Hardwire Input/Output
logo
A POWER MICROELECTRONIC...
APS24N70D APME-APS24N70D Datasheet
1Mb / 8P
750V SIC N-Channel Enhancement Mode MOSFET
REV1.0
APS24N70F APME-APS24N70F Datasheet
1Mb / 10P
750V SIC N-Channel Enhancement Mode MOSFET
REV1.0
More results

Similar Description - APS2012

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
APS750 ETC2-APS750 Datasheet
161Kb / 4P
PowerVerter APS 750W Inverter/Charger with Auto-Transfer Switching and 2 Outlets
APS750 ETC2-APS750_14 Datasheet
533Kb / 6P
PowerVerter짰 APS 750W Inverter/Charger with Auto-Transfer Switching and 2 Outlets
APS1250 ETC2-APS1250 Datasheet
529Kb / 6P
PowerVerter짰 APS 1250W Inverter/Charger with Auto-Transfer Switching and 2 Outlets
APS2424 ETC2-APS2424 Datasheet
511Kb / 6P
PowerVerter짰 APS 2400W Inverter/Charger with Auto-Transfer Switching and Hardwire Input/Output
APSINT2012 ETC2-APSINT2012 Datasheet
504Kb / 4P
PowerVerter짰 APS INT Series 2000W Inverter/Charger with Auto-Transfer Switching and Hardwire Input/Output
RV1250ULHW ETC2-RV1250ULHW Datasheet
524Kb / 6P
PowerVerter짰 1250W RV Inverter/Charger with Hardwire Input/Output
logo
Tripp Lite. All Rights ...
APSX1250 TRIPPLITE-APSX1250 Datasheet
509Kb / 4P
PowerVerter APS X 1250W 12VDC 230V Inverter/Charger with Auto-Transfer Switching, 2-C13 Outlets
APSINT2012 TRIPPLITE-APSINT2012 Datasheet
170Kb / 5P
2000W APS INT Series 12VDC 230V Inverter/Charger with Auto Transfer Switching, Hardwired
APS3636VR TRIPPLITE-APS3636VR Datasheet
187Kb / 5P
3600W PowerVerter APS 36VDC 120V Inverter/Charger with Auto-Transfer Switching
logo
COTEK ELECTRONIC IND. C...
SL-2000 COTEK-SL-2000 Datasheet
210Kb / 2P
2000W Inverter / Charger
20/11/12
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com