Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LS606M Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # LS606M
Description  Line Conditioner / AVR System - Automatic voltage regulator / AC surge suppressor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LS606M Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  LS606M Datasheet HTML 1Page - List of Unclassifed Manufacturers LS606M Datasheet HTML 2Page - List of Unclassifed Manufacturers LS606M Datasheet HTML 3Page - List of Unclassifed Manufacturers LS606M Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
$10,000 Ultimate Lifetime connected equipment insurance (USA and Canada Only)
Specifications
OUTPUT
Output VA
600
Output watts
600
Output nominal voltage
120V / 60Hz
Outlet quantity / type
6 NEMA 5-15R
INPUT
Input cord length (ft.)
6
Input cord length (m)
1.83
LEDS ALARMS & SWITCHES
Front panel LEDs
3 LEDs indicate voltage boost, trim and normal operation
SURGE / NOISE SUPPRESSION
UPS AC suppression joule rating
720 joules, conforms to IEEE 587 / ANSI C62.41 specifications
EMI / RFI AC noise suppression
20 dB
PHYSICAL
Shipping weight (lbs)
4.80
Shipping weight (kg)
2.18
Unit Dimensions (HWD/in)
5.5 x 4.75 x 4.75
Unit Dimensions (HWD/cm)
13.5 x 12.1 x 12.1
Material of construction
ABS
Form factors supported
Small Tower
CERTIFICATIONS
Certifications
Tested to UL1012 (USA), cUL (Canada), NOM (Mexico)
WARRANTY
Product Warranty Period (Worldwide)
2-year limited warranty
Connected Equipment Insurance
(U.S., Canada & Puerto Rico)
$10,000 Ultimate Lifetime Insurance
© 2014 Tripp Lite. All rights reserved. All trademarks are the sole property of their respective owners. Tripp Lite has a policy of continuous improvement.
2 / 3



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com