Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LS606M Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # LS606M
Description  Line Conditioner / AVR System - Automatic voltage regulator / AC surge suppressor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LS606M Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  LS606M Datasheet HTML 1Page - List of Unclassifed Manufacturers LS606M Datasheet HTML 2Page - List of Unclassifed Manufacturers LS606M Datasheet HTML 3Page - List of Unclassifed Manufacturers LS606M Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Line Conditioner / AVR System - Automatic voltage
regulator / AC surge suppressor
MODEL NUMBER: LS606M
Description
600 watt Automatic Voltage Regulation (AVR) system/Protects sensitive electronics, computer accessories and
home theater equipment from power-related damage and performance problems/Extends the useful life of
connected equipment by providing optimum voltage conditions for enhanced efficiency and cooler internal
operating temperatures/Reliable transformer-based voltage correction circuits maintain 120V nominal output
during voltage fluctuations between 85 and 147V/Two levels of voltage stabilization offer targeted response for
overvoltages and brownouts/Prevents equipment damage and power related performance problems for
computer accessories, printers, home theater equipment, a/v components and other sensitive electronic
devices/AC surge and EMI/RFI noise suppression/Supports loads up to 600 watts, 5A/6 AC outlets/6 ft AC line
cord/3 diagnostic LEDs display boost, trim and normal operation/$10,000connected equipment insurance (USA
and Canada Only)
Features
Maintains usable 120V (+10%/-16%) nominal output over an input range of 85 to 147V
Protects sensitive electronics, computer accessories and home theater equipment from power-related damage and performance problems
Extends the useful life of connected equipment by providing optimum voltage conditions for enhanced efficiency and cooler internal operating
temperatures
Two levels of voltage stabilization offers response to overvoltages and brownouts
Input voltages over 130V are reduced by 10.4% (+/- 3V)
Input voltages below 102V are boosted by 13.4% (+/- 3V)
600 watts output power rating supports 120V loads up to 5 amps
720 joules AC surge suppression
EMI/RFI noise filtering prevents equipment interaction, system interference, lockups and other power-related audio and video artifacts
3 diagnostic LEDs indicate boost, trim and normal AVR operation
6 protected NEMA5-15R outlets
6 foot AC power cord with NEMA5-15P input plug
$10,000 Ultimate Lifetime connected equipment insurance (USA and Canada Only)
Highlights
Automatic voltage regulation
(AVR) and AC surge suppression
Maintains regulated 120V
nominal output over an input
range of 85 to 147V
600 watt / 5 amp capacity
6 NEMA 5-15R outlets, 6 foot AC
cord
LEDs display boost, trim and
normal operation
$10,000 Ultimate Lifetime
Insurance (USA, Puerto Rico &
Canada only)
Applications
Maintains regulated output
voltage during severe brownouts
and overvoltages for computer
accessories, printers, home
theater equipment, a/v
components, point-of-sale
equipment, and other
applications requiring clean,
regulated AC power
Package Includes
LS606M Line Conditioner
Warranty information
Instruction manual
1 / 3


Similar Part No. - LS606M

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
LS606M TRIPPLITE-LS606M Datasheet
444Kb / 3P
600W 120V Power Conditioner
More results

Similar Description - LS606M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LC1200 ETC2-LC1200 Datasheet
544Kb / 4P
Line Conditioner / AVR System - Automatic voltage regulator / Power conditioner / AC surge suppressor
LC1800 ETC2-LC1800 Datasheet
543Kb / 3P
Line Conditioner - Automatic voltage regulation with surge protection
LC2400 ETC2-LC2400 Datasheet
545Kb / 3P
Line Conditioner - Automatic voltage regulation with surge protection
LCR2400 ETC2-LCR2400 Datasheet
485Kb / 3P
Line Conditioner - Automatic voltage regulation with surge protection
LR1000 ETC2-LR1000 Datasheet
542Kb / 4P
Line Conditioner / AVR System - Automatic voltage regulator / power conditioner / AC surge suppressor
LR2000 ETC2-LR2000 Datasheet
547Kb / 4P
Line Conditioner / AVR System - Automatic voltage regulator / Power conditioner / AC surge suppressor
LS604WM ETC2-LS604WM Datasheet
516Kb / 3P
Line Conditioner - Automatic voltage regulation with surge protection
logo
Tripp Lite. All Rights ...
LR604 TRIPPLITE-LR604 Datasheet
487Kb / 3P
600W 230V AVR Line Conditioner, Power Conditioner
LR1000 TRIPPLITE-LR1000 Datasheet
538Kb / 2P
1000W 230V AVR Line Conditioner, Power Conditioner
LR2000 TRIPPLITE-LR2000 Datasheet
546Kb / 3P
2000W 230V AVR Line Conditioner, Power Conditioner
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com