Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

N211124 Datasheet(PDF) 1 Page - E-SWITCH

Part # N211124
Description  INITAL: 50m - TYP. @ 2-4VDC @ 100mA
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

N211124 Datasheet(HTML) 1 Page - E-SWITCH

  N211124 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
KAS1102RT
5:1
10/11/2007
N211124
A
BF
1
1
4
3
2
1
SCHEMATIC
P.C. MOUNTING
7.62
[.300 in]
2.54
[.100 in]
3.50
[.138 in]
9.90
[.390 in]
ISOMETRIC
NOTE:
1. ALL DIMENSIONS IN MM [INCH]
2. GENERAL TOLERANCE: X.X=±0.4
X.XX=±0.25
3. TERMINAL NUMBERS FOR REF ONLY
4. PLATING MATERIAL: SILVER
5. RATING: SWITCH: 25mA @ 24VDC
CARRY: 100mA @ 50VDC
6. OPERATING LIFE: 2,000 CYCLES, EACH CIRCUIT
7. INSULATION RESISTANCE: 100 M
min. @ 500VDC
8. DIELECTRIC STRENGTH: 500V RMS @SEA LEVEL.
9. OPERATING FORCE: 1,000gf MAX.
10. OPERATING TEMP: -40°C to 85°C
11. CONTACT RESISTANCE:
INITAL: 50m
TYP
. @ 2-4VDC @ 100mA
AFTERLIFE: 100m
TYP. @ 2.4 DC @ 100mA
12.
DENOTES CRITICAL PARAMETER.
13. 2002/95/EC (ROHS) COMPLIANT
A
17768
RELEASED FOR PRODUCTION
10/11/07
BF
2.54
[.100 in]
7.62
[.300 in]
n.97
[.038 in]
.60
[.024 in]
1.95
[.077 in]
6.44
[.254 in]
.15
[.006 in]
6.00
[.236 in]
3.20
[.126 in]MIN.


Similar Part No. - N211124

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
N211121 E-SWITCH-N211121 Datasheet
62Kb / 1P
Packaged : In Dispensing Tube
N211122 E-SWITCH-N211122 Datasheet
64Kb / 1P
Packaged : In Dispensing Tube
N211123 E-SWITCH-N211123 Datasheet
151Kb / 1P
STORAGE TEMP: -40C TO 85C
N211125 E-SWITCH-N211125 Datasheet
100Kb / 1P
INSULATION RESISTANCE 100M1 @ 100VDC
N211126 E-SWITCH-N211126 Datasheet
110Kb / 1P
INSULATION RESISTANCE 100M OHMS@100VDC
More results

Similar Description - N211124

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
DK-770899-000-W ASSMANN-DK-770899-000-W Datasheet
306Kb / 2P
Frontplatte f체r Keystones, franz. Typ, 2 Einsch체be
logo
CUI INC
PJ-035C CUI-PJ-035C Datasheet
237Kb / 1P
CONTACT RESISTANCE : 50m OHMS MAX
PJ-035CH CUI-PJ-035CH Datasheet
237Kb / 1P
CONTACT RESISTANCE: 50m OHMS MAX
PJ-063BH CUI-PJ-063BH Datasheet
22Kb / 1P
CONTACT RESISTANCE: 50m OHMS MAX
logo
Murata Manufacturing Co...
LLA319R70G225MA01L MURATA-LLA319R70G225MA01L Datasheet
530Kb / 23P
CHIP MONOLITHIC CERAMIC CAPACITOR LLA319R70G225MA01_ (1206, X7R, 2.2uF, 4Vdc)
logo
E-SWITCH
N321083 E-SWITCH-N321083 Datasheet
103Kb / 1P
INITAL: 50m 廓 TYP. @ 2-4VDC @ 100mA
logo
RICOH electronics devic...
RP152 RICOH-RP152 Datasheet
2Mb / 29P
Supply Current Typ. 40 uA x 2
logo
CUI INC
PDP-30 CUI-PDP-30 Datasheet
111Kb / 4P
INSULATION RESISTANCE: 50M OHMS MIN: 250V DC
logo
Adels-Contact
609950 ADELS-609950 Datasheet
122Kb / 1P
XYFAZ 2x0,5 red black 50m Spule
logo
Shenzhen Huazhimei Semi...
HM9701D HMSEMI-HM9701D Datasheet
600Kb / 4P
50m廓 power switch
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com