Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4SPDX Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 4SPDX
Description  Waber-by-Tripp Lite 4-outlet Power Strip with 6-ft. Cord
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

4SPDX Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  4SPDX Datasheet HTML 1Page - List of Unclassifed Manufacturers 4SPDX Datasheet HTML 2Page - List of Unclassifed Manufacturers 4SPDX Datasheet HTML 3Page - List of Unclassifed Manufacturers 4SPDX Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
OUTPUT
Frequency compatibility
50 / 60 Hz
Circuit Breaker (amps)
15
Outlet quantity / type
4 NEMA 5-15R
Outlet spacing
1.520 in.
Outlet orientation
Single row of 4
INPUT
Nominal Input Voltage(s) Supported
120V AC
Recommended Electrical Service
15A 120V
Input connection type
NEMA 5-15P
Input cord length (ft.)
6
Input cord length (m)
1.8288
Voltage compatibility (VAC)
120
LEDS ALARMS & SWITCHES
Switches
Lighted combination switch / circuit breaker
PHYSICAL
Unit Dimensions (HWD/in)
7.5 x 2.5 x 1.5
Unit Dimensions (HWD/cm)
19.1 x 6.4 x 3.8
Material of construction
Metal
Integrated keyhole mounting tabs
Keyhole mounting tabs enable mounting to a variety of surfaces
Receptacle Color
Beige
AC line cord color
Beige
Style
Strip
Outlets center to center
measurement
30mm
Keyhole slot center to center
measurement
127mm
CERTIFICATIONS
UL1363 (Power Tap)
UL1363
cUL / CSA (Canada)
cUL
WARRANTY
2 / 3



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com