Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4SPDX Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 4SPDX
Description  Waber-by-Tripp Lite 4-outlet Power Strip with 6-ft. Cord
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

4SPDX Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  4SPDX Datasheet HTML 1Page - List of Unclassifed Manufacturers 4SPDX Datasheet HTML 2Page - List of Unclassifed Manufacturers 4SPDX Datasheet HTML 3Page - List of Unclassifed Manufacturers 4SPDX Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Waber-by-Tripp Lite 4-outlet Power Strip with 6-ft.
Cord
MODEL NUMBER: 4SPDX
Description
The Waber-by-Tripp Lite 4SPDX Power Strip offers a convenient method of power distribution in workbench,
wallmount or floor mount applications. Includes 4 NEMA 5-15R output receptacles with 1.520-in. center-to-center spacing, 6-foot AC line cord and keyhole
mounting for installation in a wide variety of applications. Corded, multi-outlet strip reduces cabling clutter and enables the connection of multiple electrical
devices to a single AC wall socket. Unfiltered electrical pass-through makes the 4SPDX ideal for distributing alternate waveform UPS or generator power.
Features rugged metal housing, lighted power switch with integrated 15A resettable circuit breaker and attractive beige color scheme.
PLUG/OUTLETS - Input: NEMA 5-15P/Output: 4 NEMA 5-15R
ELECTRICAL - 120VAC, 50/60Hz, 15A (Requires standard NEMA 5-15R wall receptacle)
FORMAT - Corded power distribution strip
Features
Multi-outlet power strip offers convenient power distribution in workbench, wallmount or floor mount applications
Includes 4 NEMA 5-15R output receptacles with 1.520-in. center-to-center spacing
Lighted combination power switch with integrated circuit breaker
Keyhole mounting tabs for installation in a wide variety of applications
UL1363 (USA), cUL (Canada)
15A power handling capacity
6-ft. AC line cord
Specifications
OVERVIEW
Intended Application
Home/Office; Industrial/Factory Floor
Highlights
4 outlets
7.38 in. length
Lighted master switch
All-metal housing
Applications
Offers multiple outlet power
distribution in workbench,
wallmount or floor mount
applications. Unfiltered electrical
pass-through makes the 4SPDX
ideal for distributing alternate
waveform UPS or generator
power to protected equipment.
Package Includes
4SPDX Power Strip
Warranty information
Instruction manual
1 / 3


Similar Part No. - 4SPDX

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
4SP1000M SANYO-4SP1000M Datasheet
74Kb / 2P
Large Capacitance, Low ESR Optimum for Audio etc.
4SP100M SANYO-4SP100M Datasheet
74Kb / 2P
Large Capacitance, Low ESR Optimum for Audio etc.
4SP1500M SANYO-4SP1500M Datasheet
74Kb / 2P
Large Capacitance, Low ESR Optimum for Audio etc.
4SP150M SANYO-4SP150M Datasheet
74Kb / 2P
Large Capacitance, Low ESR Optimum for Audio etc.
4SP2200M SANYO-4SP2200M Datasheet
74Kb / 2P
Large Capacitance, Low ESR Optimum for Audio etc.
More results

Similar Description - 4SPDX

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
6SPDX ETC2-6SPDX Datasheet
483Kb / 3P
Waber-by-Tripp Lite 6-outlet Power Strip with Illuminated Master Switch and 6-ft. Cord
6NX6 ETC2-6NX6 Datasheet
483Kb / 4P
Waber-by-Tripp Lite 6-outlet Power Strip with 6-ft. Cord
6SPDX-15 ETC2-6SPDX-15 Datasheet
484Kb / 3P
Waber-by-Tripp Lite 6-outlet Power Strip with 15-ft. Cord
602-15 ETC2-602-15 Datasheet
483Kb / 4P
Waber-by-Tripp Lite 5-outlet Power Strip with 15-ft. Cord
UL24CB-15 ETC2-UL24CB-15 Datasheet
479Kb / 4P
Waber-by-Tripp Lite 6-outlet Power Strip with 15-ft. Cord
UL24RA-15 ETC2-UL24RA-15 Datasheet
481Kb / 4P
Waber-by-Tripp Lite Power Strip with 6 Right-Angle Outlets and 15-ft. Cord
UL603CB-6 ETC2-UL603CB-6 Datasheet
484Kb / 4P
Waber-by-Tripp Lite 4-outlet Power Strip with Transparent Power Switch Cover and 6-ft. Cord
UL800CB-15 ETC2-UL800CB-15 Datasheet
481Kb / 4P
Waber-by-Tripp Lite Power Strip with 10 Side-by-Side Outlets and 15-ft. Cord
logo
Tripp Lite. All Rights ...
UL17CB-15 TRIPPLITE-UL17CB-15 Datasheet
479Kb / 3P
Waber-by-Tripp Lite 9-outlet Power Strip with 15-ft. Cord
UL17CB-15 TRIPPLITE-UL17CB-15_V01 Datasheet
34Kb / 3P
Tripp Lite Waber Industrial Power Strip, 9-Outlet, 15 ft. (4.57 m) Cord - Accommodates 1 Transformer
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com