Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLM609GF Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # TLM609GF
Description  Power It! Safety Power Strip with 6 Outlets and 9-ft.Cord with GFCI Plug
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TLM609GF Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  TLM609GF Datasheet HTML 1Page - List of Unclassifed Manufacturers TLM609GF Datasheet HTML 2Page - List of Unclassifed Manufacturers TLM609GF Datasheet HTML 3Page - List of Unclassifed Manufacturers TLM609GF Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
OVERVIEW
Intended Application
Safety; Industrial/Factory Floor
OUTPUT
Frequency compatibility
60 Hz
Circuit Breaker (amps)
15
Overload protection
GFCI plug
Outlet quantity / type
6 NEMA 5-15R
Transformer accommodation
Yes (2)
Outlet safety covers
Yes (4)
Outlet orientation
Single row
INPUT
Nominal Input Voltage(s) Supported
120V AC
Recommended Electrical Service
120V, 15A
Input connection type
GFCI 5-15P
Input plug features
Integrated cord clip plus GFCI breaker
Input cord length (ft.)
9
Input cord length (m)
2.74
Input cord gauge, type
14 gauge, SJT
Voltage compatibility (VAC)
120
LEDS ALARMS & SWITCHES
Switches
Combination AC circuit breaker and 2 position red illuminated on/off power switch
PHYSICAL
Shipping Dimensions (HWD/in)
16.17 x 7.10 x 2.7
Shipping Dimensions (HWD/cm)
41.07 x 18.03 x 6.86
Shipping weight (lbs)
3.33
Shipping weight (kg)
1.51
Unit Dimensions (HWD/in)
15.97 x 3.07 x 1.61
Unit Dimensions (HWD/cm)
40.56 x 7.80 x 4.09
Unit weight (lbs)
3.24
Unit weight (kg)
1.47
Material of construction
All-metal
2 / 3



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com