Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLM609GF Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # TLM609GF
Description  Power It! Safety Power Strip with 6 Outlets and 9-ft.Cord with GFCI Plug
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TLM609GF Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  TLM609GF Datasheet HTML 1Page - List of Unclassifed Manufacturers TLM609GF Datasheet HTML 2Page - List of Unclassifed Manufacturers TLM609GF Datasheet HTML 3Page - List of Unclassifed Manufacturers TLM609GF Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Power It! Safety Power Strip with 6 Outlets and 9-ft.
Cord with GFCI Plug
MODEL NUMBER: TLM609GF
Description
This Tripp Lite power strip is designed to safely distribute power to connected equipment in harsh environments. It provides a convenient source for multiple
outlets wherever they're needed. 6 outlets distribute AC power to a wide range of power tools, drill presses, air compressors, power sanders and more.
Convenient transformer outlets accommodate multiple transformers without blocking other outlets. A 9 ft. grounded cord with integrated cord clip reaches
distant outlets. A GFCI plug protects users from electrical shock in wet or humid environments. A lighted on/off switch provides power control over connected
equipment. 4 safety covers shield unused outlets from debris and accidental contact. A rugged metal case stands up to the harshest environments. Built-in
cord wrap with hang holes provides convenient cord management. Integrated keyhole slots on bottom panel provide convenient wall/desk mounting. Its bright
yellow color alerts you and others that power cords and tools are in use.
Features
6 outlets distribute AC power to a wide range of band saws, drill presses, air compressors, power sanders and more.
Convenient transformer outlets accommodate multiple transformers without blocking other outlets.
A 9 ft. grounded cord with integrated cord clip reaches distant outlets.
A GFCI plug protects users from electrical shock in wet or humid environments.
A lighted on/off switch with integrated 15 amp circuit breaker provides power control and overload protection over connected equipment.
4 safety covers shield unused outlets from debris and accidental contact.
A rugged metal case stands up to the harshest environments.
Built-in cord wrap with hang holes provides convenient cord management.
Integrated keyhole slots on bottom panel provide convenient wall/desk mounting.
Its bright yellow color alerts you and others that power cords and tools are in use.
OSHA color guidelines, outlined in Document 1910.145, alert users to hazardous situations, which may cause minor or moderate injury. This Tripp Lite
product complies with those guidelines.
Specifications
Highlights
6 outlets (including transformer
outlets and 4 safety covers)
9 ft. cord with GFCI plug
Cord wrap with hang holes
Rugged metal case
Applications
Industrial
Automotive
Factory
Hardware
Package Includes
TLM609GF Safety Power Strip
4 safety covers
Owner's manual
1 / 3


Similar Part No. - TLM609GF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TLM609NS ETC2-TLM609NS Datasheet
483Kb / 4P
Power It! Safety Power Strip with 6 Outlets, 9-ft. Cord and Integrated Cord Wrap
TLM609SA ETC2-TLM609SA Datasheet
494Kb / 5P
6 outlet, 9-ft cord, 1500 joule Safety Surge Suppressor - Rugged, Safe Surge Suppression for Industrial/Automotive/Factory Environments
More results

Similar Description - TLM609GF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PS-415-HGULTRA ETC2-PS-415-HGULTRA Datasheet
488Kb / 4P
For Patient-Care Areas - Medical-Grade Power Strip with 4 Outlets and Safety Covers
RS-0615-F ETC2-RS-0615-F Datasheet
474Kb / 4P
1U Rackmount Power Strip with 6 Front-Facing Outlets and 15-ft. Cord
RS-0615-R ETC2-RS-0615-R Datasheet
474Kb / 4P
1U Rackmount Power Strip with 6 Rear-Facing Outlets and 15-ft. Cord
TLM626NS ETC2-TLM626NS Datasheet
483Kb / 4P
Power It! Safety Power Strip with 6 Outlets and 6-ft. Cord
TLM815NS ETC2-TLM815NS Datasheet
499Kb / 4P
Power It! Safety Power Strip with 8 Outlets, 15-ft. Cord and Integrated Cord Wrap
TLM825GF ETC2-TLM825GF Datasheet
498Kb / 4P
Power It! Safety Power Strip with 8 Outlets and 25-ft. Cord with GFCI Plug
PS-5-INT ETC2-PS-5-INT Datasheet
493Kb / 2P
230V Power Strip with 5 IEC-320 Outlets
TLM609NS ETC2-TLM609NS Datasheet
483Kb / 4P
Power It! Safety Power Strip with 6 Outlets, 9-ft. Cord and Integrated Cord Wrap
TLM812GF ETC2-TLM812GF Datasheet
501Kb / 4P
Power It! Safety Power Strip with 8 Outlets and 12-ft. Cord with GFCI Plug
logo
Tripp Lite. All Rights ...
TLM1015NC TRIPPLITE-TLM1015NC Datasheet
98Kb / 3P
Power It! Power Strip with 10 Outlets and 15-ft. Cord
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com