Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PD166017T1F Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # PD166017T1F
Description  INTELLIGENT POWER DEVICE
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PD166017T1F Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button PD166017T1F Datasheet HTML 9Page - Renesas Technology Corp PD166017T1F Datasheet HTML 10Page - Renesas Technology Corp PD166017T1F Datasheet HTML 11Page - Renesas Technology Corp PD166017T1F Datasheet HTML 12Page - Renesas Technology Corp PD166017T1F Datasheet HTML 13Page - Renesas Technology Corp PD166017T1F Datasheet HTML 14Page - Renesas Technology Corp PD166017T1F Datasheet HTML 15Page - Renesas Technology Corp PD166017T1F Datasheet HTML 16Page - Renesas Technology Corp PD166017T1F Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
PD166017T1F
Preliminary
R07DS0704EJ0100 Rev.1.00
Page 13 of 22
Apr 26, 2012
3.6.3
Power Dissipation under Reverse Battery Condition
In case of a reverse voltage is applied to the device, the N-Ch MOSFET will turn on only if a reverse current can flow
from IN pin through RCC and if |VCC – VIN| voltage is in range of 8 V (TYP).
In above conditions, power dissipation in the driver is generated by N-Ch Mosfet as well as RCC and RIS0. The power
dissipation in the N-Ch MOSFET depends on the load condition.
Overall power dissipation Pd(rev) can be calculated as follow.
Pd(rev) = Ron(rev) × IL(rev)
2
+ (VCC - Vf – IIN(rev) × RIN) × IIN(rev)
+ (VCC – IIS(rev) × RIS) × IIS(rev)
IIN(rev) = (VCC – 2 × Vf) / (RCC + RIN)
IIS(rev) = (VCC – Vf) / (RCC + RIS0 + RIS)
Thereverse current through the N-ch MOSFET has to be
limited by the connected load.
In order to turn on the N-ch MOSFET at reverse polarity
condition, the voltage at IN should be around 8V by using a
MOSFET or small diode in parallel to the input switch. RIN
should be estimated using the following formula.
RIN<(|VCC-8V|)/0.08A
IN
-VCC
RCC
RIN
RIS
RL
IS
OUT
IIN(rev)
IIS(rev)
IL(rev)
RIS0
N-ch MOSFET
In case no current would flow from IN pin through RCC, the N-Ch MOSFET will not turn-on. Then power dissipation
mainly result from the body diode of the N-Ch MOSFET.
3.6.4
Device Behavior at Low Voltage Condition
If the supply voltage (VCC – VIN) drops below VCIN(Uv), the device will shut off and will remain off until the supply
voltage (VCC – VIN) recovers above VCIN(CPr).
VBAT
0
0
0
VCC – VIN
VOUT
VCIN(Uv)
VCIN(CPr)
IIN
IL
t
VOUT/VCC – VIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com