Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PD166017T1F Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # PD166017T1F
Description  INTELLIGENT POWER DEVICE
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PD166017T1F Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button PD166017T1F Datasheet HTML 16Page - Renesas Technology Corp PD166017T1F Datasheet HTML 17Page - Renesas Technology Corp PD166017T1F Datasheet HTML 18Page - Renesas Technology Corp PD166017T1F Datasheet HTML 19Page - Renesas Technology Corp PD166017T1F Datasheet HTML 20Page - Renesas Technology Corp PD166017T1F Datasheet HTML 21Page - Renesas Technology Corp PD166017T1F Datasheet HTML 22Page - Renesas Technology Corp PD166017T1F Datasheet HTML 23Page - Renesas Technology Corp PD166017T1F Datasheet HTML 24Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
PD166017T1F
Preliminary
R07DS0704EJ0100 Rev.1.00
Page 21 of 22
Apr 26, 2012
5.
Thermal Characteristics
TRANSIENT THERMAL RESISTANCE vs. PULSE WIDTH
0.1
1
10
100
0.001
0.01
0.1
1
10
100
1000
PW - Pulse width - s
Device on 50 mm
× 50 mm × 1.5 mm epoxy
PCB FR4 with 6 cm
2 of 70 μm copper area
Rth(ch-A) = 45.0°C/W
Rth(ch-C) = 1.7°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com