Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SB1002 Datasheet(PDF) 3 Page - Hitachi Semiconductor

Part # 2SB1002
Description  Silicon PNP Epitaxial
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SB1002 Datasheet(HTML) 3 Page - Hitachi Semiconductor

  2SB1002 Datasheet HTML 1Page - Hitachi Semiconductor 2SB1002 Datasheet HTML 2Page - Hitachi Semiconductor 2SB1002 Datasheet HTML 3Page - Hitachi Semiconductor 2SB1002 Datasheet HTML 4Page - Hitachi Semiconductor 2SB1002 Datasheet HTML 5Page - Hitachi Semiconductor 2SB1002 Datasheet HTML 6Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
2SB1002
3
0
0.4
0.8
1.2
50
Ambient Temperature Ta (
°C)
Maximum Collector Dissipation Curve
100
150
0
–100
–80
–60
–40
–20
–2
–4
Collector to Emitter Voltage VCE (V)
Typical Output Characteristics
–6
–8
–10
IB = 0
–0.05 mA
–0.1
–0.15
–0.25
–0.35
–0.45
–0.2
–0.3
–0.4
0
–2.0
–1.6
–1.2
–0.8
–0.4
–0.4
–0.8
Collector to Emitter Voltage VCE (V)
Typical Output Characteristics
–1.2
–1.6
–2.0
IB = 0
–50
–40
–30
–20
–10
mA
0
–1,000
–300
–100
–30
–10
–3
–1
–0.2
–0.4
Base to Emitter Voltage VBE (V)
Typical Transfer Characteristics
–0.6
–0.8
–1.0
VCE = –2 V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com