Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SB1002 Datasheet(PDF) 4 Page - Hitachi Semiconductor

Part # 2SB1002
Description  Silicon PNP Epitaxial
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SB1002 Datasheet(HTML) 4 Page - Hitachi Semiconductor

  2SB1002 Datasheet HTML 1Page - Hitachi Semiconductor 2SB1002 Datasheet HTML 2Page - Hitachi Semiconductor 2SB1002 Datasheet HTML 3Page - Hitachi Semiconductor 2SB1002 Datasheet HTML 4Page - Hitachi Semiconductor 2SB1002 Datasheet HTML 5Page - Hitachi Semiconductor 2SB1002 Datasheet HTML 6Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
2SB1002
4
–1
10,000
3,000
1,000
300
30
10
100
–3
–10
–30
Collector Current IC (mA)
DC Current Transfer Ratio vs.
Collector Current
–100 –300 –1,000
Pulse
VCE = –2 V
–0.3
3,000
1,000
300
100
30
10
3
–1.0
–3
Collector to Base Voltage VCB (V)
Collector Output Capacitance
vs. Collector to Base Voltage
–10
–30
–100 –300
f = 1 MHz
IE = 0
–10
–1.0
–0.3
–0.1
–0.03
–0.01
–30
–100
Collector Current IC (mA)
Saturation Voltage vs. Collector Current
–300
–1,000
Pulse
IC = 10 IB
VCE(sat)
VBE(sat)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com