Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INTERNETOFFICE300 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # INTERNETOFFICE300
Description  Internet Office 300VA Ultra-compact Standby 120V UPS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

INTERNETOFFICE300 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  INTERNETOFFICE300 Datasheet HTML 1Page - List of Unclassifed Manufacturers INTERNETOFFICE300 Datasheet HTML 2Page - List of Unclassifed Manufacturers INTERNETOFFICE300 Datasheet HTML 3Page - List of Unclassifed Manufacturers INTERNETOFFICE300 Datasheet HTML 4Page - List of Unclassifed Manufacturers INTERNETOFFICE300 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Internet Office 300VA Ultra-compact Standby 120V
UPS
MODEL NUMBER: INTERNETOFFICE300
Description
Tripp Lite's INTERNETOFFICE300 UPS System provides complete power protection for your entire computer set-up. 300 VA power capacity maintains your
Internet connection allowing you to work online through short blackouts or safely shut down during longer ones. Unique design features 6 outlets (3 UPS &
surge + 3 surge-only outlets) and diagnostic LEDs. Built-in RJ45 jacks prevent surges from damaging your modem/fax/10BT equipment. A 6-ft. telephone cord
is also included. $100,000 Ultimate Lifetime Insurance (USA & Canada Only) covers connected equipment.
Features
300 VA output power rating (150 watts)
Up to 11 minutes backup time (single PC; 15-in monitor)
Battery run time: 10 minutes half load/4 minutes full load
6 protected outlets (3 UPS & surge + 3 surge-only outlets); 6-ft. cord
Built-in RJ45 jacks prevent surges from damaging your modem/fax/10BT equipment; 6-ft. telephone cord included
Complete surge protection and EMI/RFI noise filtering
$100,000Ultimate Lifetime Insurance (USA, Puerto Rico, & Canada Only) covers connected equipment
5 diagnostic LEDs indicate AC present, line fault, on battery, overload and battery low/replace
Optional PDUB15 bypass PDU enables hot-swappable UPS replacement with no disruption to connected equipment
Specifications
OUTPUT
Output Volt Amp Capacity (VA)
300
Output Watt Capacity (watts)
150
Nominal Output Voltage(s)
Supported
120V
Highlights
300VA ultra-compact 120V
standby UPS
Maintains AC output during power
failures
3 UPS battery supported outlets,
3 surge-only outlets
TEL/DSL/ethernet protection
NEMA 5-15P input plug and 6
NEMA 5-15R outlets
Package Includes
INTERNETOFFICE300 UPS
System
Phone cable
Instruction manual
1 / 4


Similar Part No. - INTERNETOFFICE300

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
INTERNETOFFICE300 TRIPPLITE-INTERNETOFFICE300 Datasheet
506Kb / 4P
Internet Office 300VA Ultra-compact Standby 120V
INTERNETOFFICE300 TRIPPLITE-INTERNETOFFICE300_15 Datasheet
507Kb / 4P
Internet Office 120V 300VA 150W Standby UPS,Ultra-Compact Desktop 6 Outlets, Tel,DSL,Ethernet Protection
More results

Similar Description - INTERNETOFFICE300

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
INTERNET350U ETC2-INTERNET350U Datasheet
499Kb / 6P
Internet Office 350VA Ultra-compact Standby 120V UPS with USB port
INTERNET550U ETC2-INTERNET550U Datasheet
523Kb / 6P
Internet Office 550VA Ultra-compact Standby 120V UPS with USB port
logo
Tripp Lite. All Rights ...
INTERNET350U TRIPPLITE-INTERNET350U Datasheet
497Kb / 4P
Internet Office 350VA Ultra-compact Standby 120V
INTERNET550U TRIPPLITE-INTERNET550U Datasheet
520Kb / 4P
Internet Office 550VA Ultra-compact Standby 120V
INTERNET350SER TRIPPLITE-INTERNET350SER Datasheet
489Kb / 4P
Internet Office 350VA Ultra-compact Standby 120V
INTERNET350U TRIPPLITE-INTERNET350U Datasheet
497Kb / 4P
Internet Office 350VA Ultra-compact Standby 120V UPS with USB port
INTERNET550SER TRIPPLITE-INTERNET550SER Datasheet
520Kb / 4P
Internet Office 550VA Ultra-compact Standby 120V
INTERNET900TAA TRIPPLITE-INTERNET900TAA Datasheet
524Kb / 4P
TAA Compliant Internet Office 900VA Ultra-compact Standby 120V UPS
INTERNETOFFICE300 TRIPPLITE-INTERNETOFFICE300 Datasheet
506Kb / 4P
Internet Office 300VA Ultra-compact Standby 120V
INTERNETOFFICE300 TRIPPLITE-INTERNETOFFICE300_15 Datasheet
507Kb / 4P
Internet Office 120V 300VA 150W Standby UPS,Ultra-Compact Desktop 6 Outlets, Tel,DSL,Ethernet Protection
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com