Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INTERNETOFFICE300 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # INTERNETOFFICE300
Description  Internet Office 300VA Ultra-compact Standby 120V UPS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

INTERNETOFFICE300 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  INTERNETOFFICE300 Datasheet HTML 1Page - List of Unclassifed Manufacturers INTERNETOFFICE300 Datasheet HTML 2Page - List of Unclassifed Manufacturers INTERNETOFFICE300 Datasheet HTML 3Page - List of Unclassifed Manufacturers INTERNETOFFICE300 Datasheet HTML 4Page - List of Unclassifed Manufacturers INTERNETOFFICE300 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
AC suppression response time
Instantaneous
Dataline suppression
1 line TEL / DSL or 10Base T Ethernet protection
PHYSICAL
Installation form factors supported
with included accessories
Tower; Ultra-compact desktop
Primary form factor
Desktop
UPS / Power Module dimensions in
primary form factor (height x width x
depth / inches)
2.6 x 11 x 4.5
UPS / Power Module dimensions in
primary form factor (height x width x
depth / cm)
6.7 x 27.9 x 11.4
UPS / Power Module weight (lbs)
4
UPS / Power Module weight (kg)
1.8
UPS Shipping dimensions (height x
width x depth / inches)
4.5 x 13 x 8.2
UPS Shipping dimensions (height x
width x depth / cm)
11.4 x 33 x 21
Shipping weight (lbs)
5.4
Shipping weight (kg)
2.5
UPS housing material
ABS
ENVIRONMENTAL
Operating Temperature Range
+32 to +104 degrees Fahrenheit / 0 to +40 degrees Celsius
Storage Temperature Range
+5 to +122 degrees Fahrenheit / -15 to +50 degrees Celsius
Relative Humidity
0 to 95%, non-condensing
AC mode BTU / hr. (full load)
32.6
Battery mode BTU / hr. (full load)
44.3
AC mode efficiency rating (100%
load)
94%
LINE / BATTERY TRANSFER
Transfer time
2-4 milliseconds
Low voltage transfer to battery
power (setpoint)
99V
High voltage transfer to battery
power (setpoint)
141V
SPECIAL FEATURES
Green & high efficiency features
Greater than 95% efficiency - GREEN UPS
3 / 4



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com