Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STB21NK50Z Datasheet(PDF) 1 Page - STMicroelectronics

Part # STB21NK50Z
Description  N-channel 500 V, 0.23 Ω, 17 A, D2PAK Zener-protected superMESH™ Power MOSFET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB21NK50Z Datasheet(HTML) 1 Page - STMicroelectronics

  STB21NK50Z Datasheet HTML 1Page - STMicroelectronics STB21NK50Z Datasheet HTML 2Page - STMicroelectronics STB21NK50Z Datasheet HTML 3Page - STMicroelectronics STB21NK50Z Datasheet HTML 4Page - STMicroelectronics STB21NK50Z Datasheet HTML 5Page - STMicroelectronics STB21NK50Z Datasheet HTML 6Page - STMicroelectronics STB21NK50Z Datasheet HTML 7Page - STMicroelectronics STB21NK50Z Datasheet HTML 8Page - STMicroelectronics STB21NK50Z Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
September 2008
Rev 1
1/13
13
STB21NK50Z
N-channel 500 V, 0.23
Ω, 17 A, D2PAK
Zener-protected superMESH™ Power MOSFET
Features
■ Extremely high dv/dt capability
■ 100% avalanche tested
■ Gate charge minimized
■ Very low intrinsic capacitances
■ Very good manufacturing repeatability
Applications
■ Switching applications
– Automotive
Description
The SuperMESH™ series is obtained through an
extreme optimization of ST’s well established
strip-based PowerMESH™ layout. In addition to
pushing on-resistance significantly down, special
care is taken to ensure a very good dv/dt
capability for the most demanding applications.
Figure 1.
Internal schematic diagram
Type
VDSS
RDS(on)
max
ID
Pw
STB21NK50Z
500 V
< 0.27
Ω
17 A
190 W
1
3
D²PAK
Table 1.
Device summary
Order code
Marking
Package
Packaging
STB21NK50Z
21NK50Z
D²PAK
Tape and reel
www.st.com


Similar Part No. - STB21NK50Z

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB21N65M5 STMICROELECTRONICS-STB21N65M5 Datasheet
1Mb / 22P
N-channel 650 V, 0.150 Ω, 17 A MDmesh™V Power MOSFET D²PAK, TO-220FP, TO-220, I²PAK, TO-247
11-May-2011
logo
Inchange Semiconductor ...
STB21N65M5 ISC-STB21N65M5 Datasheet
313Kb / 2P
isc N-Channel MOSFET Transistor
logo
STMicroelectronics
STB21N90K5 STMICROELECTRONICS-STB21N90K5 Datasheet
998Kb / 22P
N-channel 900 V, 0.25 廓 typ., 18.5 A Zener-protected SuperMESH??5 Power MOSFET in a D2PAK, TO-220FP, TO-220 and TO-247 packages
12-Oct-2012
logo
Inchange Semiconductor ...
STB21N90K5 ISC-STB21N90K5 Datasheet
345Kb / 2P
isc N-Channel MOSFET Transistor
logo
STMicroelectronics
STB21NM50N STMICROELECTRONICS-STB21NM50N Datasheet
633Kb / 16P
N-CHANNEL 500V - 0.15ohm - 18A TO-220/FP/D2/I2PAK/TO-247 SECOND GENERATION MDmesh MOSFET
14-Oct-2005
More results

Similar Description - STB21NK50Z

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STW29NK50Z STMICROELECTRONICS-STW29NK50Z Datasheet
487Kb / 10P
N-CHANNEL 500 V - 0.105ohm - 31A TO-247 Zener-Protected SuperMESH MOSFET
2004-Oct-19
STB6NK60Z_0711 STMICROELECTRONICS-STB6NK60Z_0711 Datasheet
444Kb / 17P
N-channel 600 V - 1 Ω - 6 A - TO-220/TO-220FP/D2PAK/I2PAK Zener-Protected SuperMESH??Power MOSFET
22-Nov-2007
STP20NK50Z STMICROELECTRONICS-STP20NK50Z_04 Datasheet
380Kb / 13P
N-CHANNEL 500V -0.23Ω- 17A TO-220/D2PAK/I2SPAK/TO-247 Zener-Protected SuperMESH™MOSFET
May-2004
STP7NK80Z STMICROELECTRONICS-STP7NK80Z_10 Datasheet
943Kb / 17P
N-channel 800 V, 1.5 Ω, 5.2 A, TO-220,TO-220FP,D2PAK,I2PAK Zener-protected SuperMESH™Power MOSFET
28-Mar-2010
STB20NK50Z STMICROELECTRONICS-STB20NK50Z_09 Datasheet
613Kb / 18P
N-channel 500 V, 0.23 Ω, 17 A SuperMESH™Power MOSFET Zener-protected TO-220, TO-247, TO-220FP, D2PAK
26-Nov-2009
STB9NK50ZT4 STMICROELECTRONICS-STB9NK50ZT4 Datasheet
371Kb / 13P
N-CHANNEL 500V - 7.2A TO-220/FP/D2PAK/I2PAK Zener-Protected SuperMESH MOSFET
Jun-2004
STP13NK60ZT4 STMICROELECTRONICS-STP13NK60ZT4 Datasheet
495Kb / 18P
N-channel 600 V, 0.48, 13 A, TO-220, TO-220FP, D2PAK TO-247 Zener-protected SuperMESH Power MOSFET
15-Apr-2009
STFI20NK50Z STMICROELECTRONICS-STFI20NK50Z Datasheet
531Kb / 13P
N-channel 500 V, 0.23 Ω, 17 A Zener-protected SuperMESH™ Power MOSFET in I²PAKFP package
20-Mar-2012
STF10NK60Z STMICROELECTRONICS-STF10NK60Z Datasheet
275Kb / 13P
N-channel 600 V, 0.65 Ω, 10 A, SuperMESH™ Power MOSFET Zener-protected TO-220FP narrow leads
04-Nov-2009
STF10NK50Z STMICROELECTRONICS-STF10NK50Z_V01 Datasheet
525Kb / 13P
N-channel 500 V, 0.55 Ω, 9 A Zener-protected SuperMESH™ Power MOSFET in TO-220FP package
28-Mar-2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com