Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STB21NK50Z Datasheet(PDF) 4 Page - STMicroelectronics

Part # STB21NK50Z
Description  N-channel 500 V, 0.23 Ω, 17 A, D2PAK Zener-protected superMESH™ Power MOSFET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB21NK50Z Datasheet(HTML) 4 Page - STMicroelectronics

  STB21NK50Z Datasheet HTML 1Page - STMicroelectronics STB21NK50Z Datasheet HTML 2Page - STMicroelectronics STB21NK50Z Datasheet HTML 3Page - STMicroelectronics STB21NK50Z Datasheet HTML 4Page - STMicroelectronics STB21NK50Z Datasheet HTML 5Page - STMicroelectronics STB21NK50Z Datasheet HTML 6Page - STMicroelectronics STB21NK50Z Datasheet HTML 7Page - STMicroelectronics STB21NK50Z Datasheet HTML 8Page - STMicroelectronics STB21NK50Z Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Electrical characteristics
STB21NK50Z
4/13
2
Electrical characteristics
(TCASE = 25 °C unless otherwise specified)
Table 5.
On/off states
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source breakdown
voltage
ID = 1mA, VGS= 0
500
V
IDSS
Zero gate voltage drain
current (VGS = 0)
VDS = Max rating,
VDS = Max rating @125 °C
1
50
µA
µA
IGSS
Gate body leakage current
(VDS = 0)
VGS = ±20 V
±
10
µA
VGS(th)
Gate threshold voltage
VDS= VGS, ID = 100 µA
33.75
4.5
V
RDS(on)
Static drain-source on
resistance
VGS= 10 V, ID= 8.5 A
0.23
0.27
Ω
Table 6.
Dynamic
Symbol
Parameter
Test conditions
Min. Typ. Max.
Unit
Ciss
Coss
Crss
Input capacitance
Output capacitance
Reverse transfer
capacitance
VDS = 25 V, f=1 MHz, VGS=0
2600
328
72
pF
pF
pF
Coss eq
(1)
.
1.
Coss eq. is defined as a constant equivalent capacitance giving the same charging time as Coss when VDS
increases from 0 to 80% VDSS
Equivalent output
capacitance
VGS=0, VDS =0 to 400 V
187
pF
Qg
Qgs
Qgd
Total gate charge
Gate-source charge
Gate-drain charge
VDD=400 V, ID = 17 A
VGS =10 V
(see Figure 15)
85
15.5
42
119
nC
nC
nC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com