Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC4308 Datasheet(PDF) 3 Page - Hitachi Semiconductor

Part # 2SC4308
Description  Silicon NPN Epitaxial Planar
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SC4308 Datasheet(HTML) 3 Page - Hitachi Semiconductor

  2SC4308 Datasheet HTML 1Page - Hitachi Semiconductor 2SC4308 Datasheet HTML 2Page - Hitachi Semiconductor 2SC4308 Datasheet HTML 3Page - Hitachi Semiconductor 2SC4308 Datasheet HTML 4Page - Hitachi Semiconductor 2SC4308 Datasheet HTML 5Page - Hitachi Semiconductor 2SC4308 Datasheet HTML 6Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
2SC4308
3
Maximum Collector Dissipation Curve
Ambient Temperature Ta (
°C)
400
600
200
0
50
100
150
Typical Output Characteristics
Collector to Emitter Voltage VCE (V)
200
100
0
1.0
IB = 0
0.5mA
0.1
1.5
2.0
2.5
3.0
3.5
4.0
2.0
DC Current Transfer Ratio vs.
Collector Current
Collector Current IC (mA)
1,000
100
10
1
10
100
–25
Ta = 75
°C
25
1,000
VCE = 5 V
Pulse Test
Base to Emitter Voltage vs.
Collector Current
Collector Current IC (mA)
10
1.0
0.1
1
10
100
75
Ta = –25
°C
25
1,000
VCE = 5 V
Pulse Test



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com