Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC4308 Datasheet(PDF) 4 Page - Hitachi Semiconductor

Part # 2SC4308
Description  Silicon NPN Epitaxial Planar
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SC4308 Datasheet(HTML) 4 Page - Hitachi Semiconductor

  2SC4308 Datasheet HTML 1Page - Hitachi Semiconductor 2SC4308 Datasheet HTML 2Page - Hitachi Semiconductor 2SC4308 Datasheet HTML 3Page - Hitachi Semiconductor 2SC4308 Datasheet HTML 4Page - Hitachi Semiconductor 2SC4308 Datasheet HTML 5Page - Hitachi Semiconductor 2SC4308 Datasheet HTML 6Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
2SC4308
4
Collector to Emitter Saturation
Voltage vs. Collector Current
Collector Current IC (mA)
1.0
0.1
0.01
1
10
100
25
Ta = 75
°C
–25
1,000
IC = 10 IB
Pulse Test
Gain Bandwidth Product vs.
Collector Current
Collector Current IC (mA)
10,000
1,000
100
1
10
100
1,000
VCE = 5 V
Collector Output Capacitance
vs. Collector Current
Collector to Base Voltage VCB (V)
100
10
1
10
100
f = 1 MHz
IE = 0
Emitter Input Capacitnce vs.
Emitter to Base Votlage
Emitter to Base Voltage VEB (V)
100
10
1
1.0
0.1
10
f = 1 MHz
IC = 0



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com