Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STP46NF30 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STP46NF30
Description  N-channel 300 V, 0.063typ, 42 A, STripFET??II Power MOSFET in D2PAK, TO-220 and TO-247 packages
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP46NF30 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STP46NF30 Datasheet HTML 3Page - STMicroelectronics STP46NF30 Datasheet HTML 4Page - STMicroelectronics STP46NF30 Datasheet HTML 5Page - STMicroelectronics STP46NF30 Datasheet HTML 6Page - STMicroelectronics STP46NF30 Datasheet HTML 7Page - STMicroelectronics STP46NF30 Datasheet HTML 8Page - STMicroelectronics STP46NF30 Datasheet HTML 9Page - STMicroelectronics STP46NF30 Datasheet HTML 10Page - STMicroelectronics STP46NF30 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
STB46NF30, STP46NF30, STW46NF30
Electrical characteristics
Doc ID 018493 Rev 1
7/19
Figure 8.
Normalized BVDSS vs temperature
Figure 9.
Static drain source on-resistance
Figure 10.
Gate charge vs gate-source voltage Figure 11.
Capacitance variations
Figure 12.
Normalized gate threshold voltage
vs temperature
Figure 13.
Normalized on resistance vs
temperature
BVDSS
-50
0
TJ(°C)
(norm)
50
100
0.80
0.90
0.95
1.00
1.05
1.10
150
ID = 1mA
1.15
0.85
AM03368v1
RDS(on)
0.071
0.070
0.069
0.068
0
10
ID(A)
(
Ω)
5
15
0.072
VGS=10V
AM03371v1
VGS
6
4
2
0
0
20
Qg(nC)
(V)
80
8
40
60
10
VDD=240V
ID=34A
100
12
AM03373v1
C
1000
100
10
0.1
10
VDS(V)
(pF)
1
100
Ciss
Coss
Crss
AM03374v1
VGS(th)
0.70
0.60
0.50
0.40
TJ(°C)
(norm)
-50
1.10
50
100
0
150
0.80
0.90
1.00
ID= 250 µA
AM03367v1
RDS(on)
2.6
1.8
1.0
0.2
-50
0
TJ(°C)
(norm)
50
100
0.6
1.4
2.2
150
VGS= 10 V
ID= 17 A
AM03370v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com