Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STP46NF30 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STP46NF30
Description  N-channel 300 V, 0.063typ, 42 A, STripFET??II Power MOSFET in D2PAK, TO-220 and TO-247 packages
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP46NF30 Datasheet(HTML) 3 Page - STMicroelectronics

  STP46NF30 Datasheet HTML 1Page - STMicroelectronics STP46NF30 Datasheet HTML 2Page - STMicroelectronics STP46NF30 Datasheet HTML 3Page - STMicroelectronics STP46NF30 Datasheet HTML 4Page - STMicroelectronics STP46NF30 Datasheet HTML 5Page - STMicroelectronics STP46NF30 Datasheet HTML 6Page - STMicroelectronics STP46NF30 Datasheet HTML 7Page - STMicroelectronics STP46NF30 Datasheet HTML 8Page - STMicroelectronics STP46NF30 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
STB46NF30, STP46NF30, STW46NF30
Electrical ratings
Doc ID 018493 Rev 1
3/19
1
Electrical ratings
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VDS
Drain-source voltage
300
V
VGS
Gate-source voltage
± 20
V
ID
Drain current (continuous) at TC = 25 °C
42
A
ID
Drain current (continuous) at TC = 100 °C
27
A
IDM
(1)
1.
Pulse width limited by safe operating area.
Drain current (pulsed)
168
A
Ptot
Total dissipation at TC = 25 °C
300
W
Derating factor
2
W/°C
dv/dt (2)
2.
ISD ≤ 34 A, di/dt ≤200 A/µs, VDD ≤ 80% V(BR)DSS.
Peak diode recovery voltage slope
10
V/ns
Tstg
Storage temperature
-55 to 175
°C
Tj
Max. operating junction temperature
175
°C
Table 3.
Thermal data
Symbol
Parameter
Value
Unit
D2PAK TO-220 TO-247
Rthj-case
Thermal resistance junction-case max
0.5
°C/W
Rthj-amb
Thermal resistance junction-ambient max
30
62.5
50
°C/W
Rthj-pcb
Thermal resistance junction-pcb max
30
°C/W
TJ
Maximum lead temperature for soldering
purpose
300
°C
Table 4.
Avalanche characteristics
Symbol
Parameter
Value
Unit
IAR
Avalanche current, repetitive or not repetitive (1)
1.
Pulse width limited by Tjmax
26
A
EAS
(2)
2.
Starting Tj = 25 °C, ID = IAR, VDD = 50 V
Single pulse avalanche energy
290
mJ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com