Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1ME3012-R82NF Datasheet(PDF) 1 Page - Accetek Electronics (Shenzhen) Co., Ltd.

Part # 1ME3012-R82NF
Description  Magnetic epoxy shielded construction reduces 30% or more component volume
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACCETEK [Accetek Electronics (Shenzhen) Co., Ltd.]
Direct Link  http://www.accetek.com/
Logo ACCETEK - Accetek Electronics (Shenzhen) Co., Ltd.

1ME3012-R82NF Datasheet(HTML) 1 Page - Accetek Electronics (Shenzhen) Co., Ltd.

  1ME3012-R82NF Datasheet HTML 1Page - Accetek Electronics (Shenzhen) Co., Ltd. 1ME3012-R82NF Datasheet HTML 2Page - Accetek Electronics (Shenzhen) Co., Ltd. 1ME3012-R82NF Datasheet HTML 3Page - Accetek Electronics (Shenzhen) Co., Ltd. 1ME3012-R82NF Datasheet HTML 4Page - Accetek Electronics (Shenzhen) Co., Ltd. 1ME3012-R82NF Datasheet HTML 5Page - Accetek Electronics (Shenzhen) Co., Ltd. 1ME3012-R82NF Datasheet HTML 6Page - Accetek Electronics (Shenzhen) Co., Ltd. 1ME3012-R82NF Datasheet HTML 7Page - Accetek Electronics (Shenzhen) Co., Ltd. 1ME3012-R82NF Datasheet HTML 8Page - Accetek Electronics (Shenzhen) Co., Ltd. 1ME3012-R82NF Datasheet HTML 9Page - Accetek Electronics (Shenzhen) Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
 
 
 
1 
1ME Series
Low Profile Shielded Power Inductor
Accetek Electronics (Shenzhen) Co., Ltd.                        www.accetek.com                                        Ver.:1ME‐2014A
Accetek 
A FEATURES
 Magnetic epoxy shielded construction reduces 30% or more component volume
 Shielded construction reduces leakage flux and EMI
 Metallization on ferrite core results in excellent shock resistance and damage-free durability
 30% higher current rating than conventional inductors of equal size
 Save PCB real estate and save more power
 Operating Temperature range from -40°C to +125°C (Including Self-heating)
 260°C reflow peak temperature qualified
B PART NUMBER SYSTEM
1ME
3010
-
100
M
F
❶ 
❷ 
 
❸ 
❹ 
❺ 
 
❶ 
Series
❷ 
Dimension Code (L*W*H) (mm)
1ME
Series Code
252010(2.5×2.0×1.0)
252012 (2.5×2.0×1.2)
3010(3.0×3.0×1.0)
3012(3.0×3.0×1.2)
❸ 
Inductance Code
3015(3.0×3.0×1.5)
4010(4.0×4.0×1.0)
e.g.
Calculation
4012(4.0×4.0×1.2)
4018(4.0×4.0×1.8)
2R2
2.2μH
4020(4.0×4.0×2.0)
4026(4.0×4.0×2.6)
100
10×100μH = 10μH
4030(4.0×4.0×3.0)
5012(5.0×5.0×1.2)
101
10×101μH = 100μH
5020(5.0×5.0×2.0)
5040(5.0×5.0×4.0)
6020(6.0×6.0×2.0)
6028(6.0×6.0×2.8)
❹ 
Inductance Tolerance
6045(6.0×6.0×4.5)
8040(8.0×8.0×4.0)
M
±20%
N
±30%
❺ 
RoHS Compliant


Similar Part No. - 1ME3012-R82NF

ManufacturerPart #DatasheetDescription
logo
Accetek Electronics (Sh...
1ME3012H-100MF ACCETEK-1ME3012H-100MF Datasheet
288Kb / 5P
Low Profile Shielded Power Inductor
1ME3012H-1R0MF ACCETEK-1ME3012H-1R0MF Datasheet
288Kb / 5P
Low Profile Shielded Power Inductor
1ME3012H-220MF ACCETEK-1ME3012H-220MF Datasheet
288Kb / 5P
Low Profile Shielded Power Inductor
1ME3012H-2R2MF ACCETEK-1ME3012H-2R2MF Datasheet
288Kb / 5P
Low Profile Shielded Power Inductor
1ME3012H-3R3MF ACCETEK-1ME3012H-3R3MF Datasheet
288Kb / 5P
Low Profile Shielded Power Inductor
More results

Similar Description - 1ME3012-R82NF

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SGE2658-1 MICROSEMI-SGE2658-1 Datasheet
176Kb / 1P
Magnetic Component Specification
logo
MPS Industries, Inc.
PSF74 MPSIND-PSF74 Datasheet
498Kb / 2P
MAGNETIC EPOXY SHIELDED SMT POWER INDUCTOR
PSF109 MPSIND-PSF109 Datasheet
474Kb / 2P
MAGNETIC EPOXY SHIELDED SMT POWER INDUCTOR
PSF8040 MPSIND-PSF8040 Datasheet
468Kb / 1P
MAGNETIC EPOXY SHIELDED SMT POWER INDUCTOR
logo
XFMRS Inc.
XF5040-470M XFMRS-XF5040-470M Datasheet
47Kb / 1P
MAGNETIC EPOXY SHIELDED
XFTPRH105 XFMRS-XFTPRH105 Datasheet
519Kb / 3P
Shielded construction
logo
Bourns Electronic Solut...
SRP5030TA-R10Y BOURNS-SRP5030TA-R10Y Datasheet
415Kb / 3P
Shielded construction
SRU8045A-3R5Y BOURNS-SRU8045A-3R5Y Datasheet
263Kb / 3P
Shielded construction
logo
Vishay Siliconix
IHLP-6767GZ-51 VISHAY-IHLP-6767GZ-51 Datasheet
278Kb / 6P
Shielded construction
02-Mar-17
logo
List of Unclassifed Man...
3410VM ETC-3410VM Datasheet
154Kb / 2P
U.V and/or Visible light and/or Heat Curable One Component Epoxy
12/2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com