Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1ME3012-R82NF Datasheet(PDF) 11 Page - Accetek Electronics (Shenzhen) Co., Ltd.

Part # 1ME3012-R82NF
Description  Magnetic epoxy shielded construction reduces 30% or more component volume
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACCETEK [Accetek Electronics (Shenzhen) Co., Ltd.]
Direct Link  http://www.accetek.com/
Logo ACCETEK - Accetek Electronics (Shenzhen) Co., Ltd.

1ME3012-R82NF Datasheet(HTML) 11 Page - Accetek Electronics (Shenzhen) Co., Ltd.

Back Button 1ME3012-R82NF Datasheet HTML 3Page - Accetek Electronics (Shenzhen) Co., Ltd. 1ME3012-R82NF Datasheet HTML 4Page - Accetek Electronics (Shenzhen) Co., Ltd. 1ME3012-R82NF Datasheet HTML 5Page - Accetek Electronics (Shenzhen) Co., Ltd. 1ME3012-R82NF Datasheet HTML 6Page - Accetek Electronics (Shenzhen) Co., Ltd. 1ME3012-R82NF Datasheet HTML 7Page - Accetek Electronics (Shenzhen) Co., Ltd. 1ME3012-R82NF Datasheet HTML 8Page - Accetek Electronics (Shenzhen) Co., Ltd. 1ME3012-R82NF Datasheet HTML 9Page - Accetek Electronics (Shenzhen) Co., Ltd. 1ME3012-R82NF Datasheet HTML 10Page - Accetek Electronics (Shenzhen) Co., Ltd. 1ME3012-R82NF Datasheet HTML 11Page - Accetek Electronics (Shenzhen) Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
 
 
 
11 
1ME Series
Low Profile Shielded Power Inductor
Accetek Electronics (Shenzhen) Co., Ltd.                        www.accetek.com                                        Ver.:1ME‐2014A
Accetek 
F RECOMMENDED SOLDER REFLOW PROFILE
Profile Feature
Recommended Conditions
Average ramp-up rate
3°C/second max.
(Tsmax to Tp)
Preheat
Temperature Min (Tsmin)
100°C
Temperature Max (Tsmax)
150°C
Time (Tsmin to Tsmax)(ts)
60-180 seconds
Time maintained above:
Temperature (TL)
217°C
Time (tL)
60-150 seconds
Peak Temperature (Tp)
See Table2
Time within 5°C of actual Peak
20-40 seconds
Temperature (tp)2
Ramp-down Rate
6°C/second max.
Time 25°C to Peak Temperature
8 minutes max
Package
Volume mm3
Volume mm3
Volume mm3
Thickness
<350
350 - 2000
>2000
< 1.6mm
260°C
260°C
260°C
1.6mm - 2.5mm
260°C
250°C
245°C
>2.5mm
250°C
245°C
245°C
Table 2
Table 1
1. The above profiles are based on IPC/JEDEC J-STD-020C.
2. Exceeding these conditions may cause lowered product
reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com