Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1MA125-R47NF Datasheet(PDF) 5 Page - Accetek Electronics (Shenzhen) Co., Ltd.

Part # 1MA125-R47NF
Description  Shielded Construction with very low DCR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACCETEK [Accetek Electronics (Shenzhen) Co., Ltd.]
Direct Link  http://www.accetek.com/
Logo ACCETEK - Accetek Electronics (Shenzhen) Co., Ltd.

1MA125-R47NF Datasheet(HTML) 5 Page - Accetek Electronics (Shenzhen) Co., Ltd.

  1MA125-R47NF Datasheet HTML 1Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MA125-R47NF Datasheet HTML 2Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MA125-R47NF Datasheet HTML 3Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MA125-R47NF Datasheet HTML 4Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MA125-R47NF Datasheet HTML 5Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MA125-R47NF Datasheet HTML 6Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MA125-R47NF Datasheet HTML 7Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MA125-R47NF Datasheet HTML 8Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MA125-R47NF Datasheet HTML 9Page - Accetek Electronics (Shenzhen) Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
 
 
 
5 
1MA Series
Shielded Power Inductor– Low DCR Type
Accetek Electronics (Shenzhen) Co., Ltd.                        www.accetek.com                                         Ver.:1MA‐2013A
Accetek 
Inductance2
DCR3
Drawing Fig.
Part Number1
μH
Tolerance
Typ.(Ω)
Max.(Ω)
Irms4(A)
Isat5 (A)
Metal Base
Plastic Base
1MA124-101MF_
100
±20%
0.217
0.241
1.65
1.64
C1
C2
1MA124-121MF_
120
±20%
0.287
0.319
1.42
1.62
C1
C2
1MA124-151MF_
150
±20%
0.327
0.363
1.30
1.36
C1
C2
1MA124-181MF_
180
±20%
0.380
0.422
1.21
1.34
C1
C2
1MA124-221MF_
220
±20%
0.488
0.543
1.00
1.18
C1
C2
1MA124-271MF_
270
±20%
0.560
0.622
0.95
1.04
C1
C2
1MA124-331MF_
330
±20%
0.731
0.813
0.87
1.00
C1
C2
1MA124-391MF_
390
±20%
0.814
0.904
0.79
0.91
C1
C2
1MA124-471MF_
470
±20%
0.935
1.039
0.76
0.81
C1
C2
1MA124-561MF_
560
±20%
1.119
1.326
0.67
0.76
C1
C2
1MA124-681MF_
680
±20%
1.370
1.523
0.62
0.68
C1
C2
1MA124-821MF_
820
±20%
1.590
1.767
0.58
0.61
C1
C2
1MA124-102MF_
1000
±20%
2.090
2.323
0.50
0.56
C1
C2
1MA125-R47NF_
0.47
±30%
0.0018
0.0027
17.60
25.00
D1
D2
1MA125-1R0NF_
1.00
±30%
0.0024
0.0036
13.18
16.50
D1
D2
1MA125-1R5NF_
1.50
±30%
0.0040
0.0060
10.21
14.40
D1
D2
1MA125-2R2NF_
2.20
±30%
0.0045
0.0063
9.96
11.70
D1
D2
1MA125-3R3NF_
3.30
±30%
0.0063
0.0076
9.09
10.40
D1
D2
1MA125-4R7MF_
4.70
±20%
0.0105
0.0126
7.04
8.72
D1
D2
1MA125-5R6MF_
5.60
±20%
0.0115
0.0150
6.45
7.26
D1
D2
1MA125-6R8MF_
6.80
±20%
0.0123
0.0180
5.59
7.12
D1
D2
1MA125-8R2MF_
8.20
±20%
0.0170
0.0210
5.54
6.75
D1
D2
1MA125-100MF_
10.0
±20%
0.0180
0.0250
5.11
5.87
D1
D2
1MA125-120MF_
12.0
±20%
0.0230
0.0270
4.81
4.92
D1
D2
1MA125-150MF_
15.0
±20%
0.0250
0.0300
4.56
4.56
D1
D2
1MA125-180MF_
18.0
±20%
0.0290
0.0340
4.29
4.35
D1
D2
1MA125-220MF_
22.0
±20%
0.0310
0.0360
4.17
3.86
D1
D2
1MA125-270MF_
27.0
±20%
0.0400
0.0510
3.50
3.34
D1
D2
1MA125-330MF_
33.0
±20%
0.0540
0.0570
3.31
3.06
D1
D2
1MA125-390MF_
39.0
±20%
0.0580
0.0645
3.11
2.93
D1
D2
1MA125-470MF_
47.0
±20%
0.0750
0.0820
2.71
2.53
D1
D2
1MA125-560MF_
56.0
±20%
0.0850
0.0890
2.65
2.39
D1
D2
1MA125-680MF_
68.0
±20%
0.0945
0.1050
2.44
2.30
D1
D2
1MA125-820MF_
82.0
±20%
0.120
0.129
2.20
2.05
D1
D2
1MA125-101MF_
100
±20%
0.139
0.146
2.07
1.79
D1
D2
1MA125-121MF_
120
±20%
0.159
0.170
1.92
1.62
D1
D2
1MA125-151MF_
150
±20%
0.185
0.230
1.65
1.50
D1
D2
1MA125-181MF_
180
±20%
0.234
0.246
1.59
1.33
D1
D2
1MA125-221MF_
220
±20%
0.306
0.335
1.37
1.22
D1
D2
1MA125-271MF_
270
±20%
0.355
0.400
1.25
1.05
D1
D2
1MA125-331MF_
330
±20%
0.482
0.494
1.12
0.95
D1
D2
1MA125-391MF_
390
±20%
0.515
0.533
1.08
0.88
D1
D2
1MA125-471MF_
470
±20%
0.705
0.733
0.92
0.83
D1
D2
1MA125-561MF_
560
±20%
0.776
0.800
0.88
0.77
D1
D2



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com