Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1MA125-R47NF Datasheet(PDF) 7 Page - Accetek Electronics (Shenzhen) Co., Ltd.

Part # 1MA125-R47NF
Description  Shielded Construction with very low DCR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACCETEK [Accetek Electronics (Shenzhen) Co., Ltd.]
Direct Link  http://www.accetek.com/
Logo ACCETEK - Accetek Electronics (Shenzhen) Co., Ltd.

1MA125-R47NF Datasheet(HTML) 7 Page - Accetek Electronics (Shenzhen) Co., Ltd.

  1MA125-R47NF Datasheet HTML 1Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MA125-R47NF Datasheet HTML 2Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MA125-R47NF Datasheet HTML 3Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MA125-R47NF Datasheet HTML 4Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MA125-R47NF Datasheet HTML 5Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MA125-R47NF Datasheet HTML 6Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MA125-R47NF Datasheet HTML 7Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MA125-R47NF Datasheet HTML 8Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MA125-R47NF Datasheet HTML 9Page - Accetek Electronics (Shenzhen) Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
 
 
 
7 
1MA Series
Shielded Power Inductor– Low DCR Type
Accetek Electronics (Shenzhen) Co., Ltd.                        www.accetek.com                                         Ver.:1MA‐2013A
Accetek 
Inductance2
DCR3
Drawing Fig.
Part Number1
μH
Tolerance
Typ.(Ω)
Max.(Ω)
Irms4(A)
Isat5 (A)
Metal Base
Plastic Base
1MA129-7R5MF_
7.50
±20%
0.0110
0.0150
7.80
10.60
F1
F2
1MA129-100MF_
10.0
±20%
0.0130
0.0180
7.60
10.50
F1
F2
1MA129-120MF_
12.0
±20%
0.0150
0.0190
7.10
8.80
F1
F2
1MA129-150MF_
15.0
±20%
0.0210
0.0260
6.00
8.00
F1
F2
1MA129-220MF_
22.0
±20%
0.0230
0.0280
5.30
6.50
F1
F2
1MA129-270MF_
27.0
±20%
0.0300
0.0400
4.60
5.80
F1
F2
1MA129-330MF_
33.0
±20%
0.0370
0.0450
4.20
5.50
F1
F2
1MA129-390MF_
39.0
±20%
0.0440
0.0560
4.10
5.00
F1
F2
1MA129-470MF_
47.0
±20%
0.0460
0.0630
3.80
4.50
F1
F2
1MA129-560MF_
56.0
±20%
0.0540
0.0680
3.40
3.70
F1
F2
1MA129-680MF_
68.0
±20%
0.0690
0.0890
3.20
3.60
F1
F2
1MA129-820MF_
82.0
±20%
0.0905
0.1050
2.70
3.40
F1
F2
1MA129-101MF_
100
±20%
0.100
0.110
2.50
3.10
F1
F2
1MA129-121MF_
120
±20%
0.130
0.156
2.30
2.60
F1
F2
1MA129-151MF_
150
±20%
0.139
0.174
2.30
2.40
F1
F2
1MA129-181MF_
180
±20%
0.153
0.191
2.20
2.30
F1
F2
1MA129-221MF_
220
±20%
0.193
0.300
1.90
2.20
F1
F2
1MA129-271MF_
270
±20%
0.248
0.330
1.70
2.10
F1
F2
1MA129-331MF_
330
±20%
0.363
0.430
1.50
1.70
F1
F2
1MA129-471MF_
470
±20%
0.437
0.560
1.40
1.50
F1
F2
1MA129-561MF_
560
±20%
0.520
0.650
1.20
1.40
F1
F2
1MA129-681MF_
680
±20%
0.660
0.825
1.10
1.30
F1
F2
1MA129-821MF_
820
±20%
0.815
1.000
1.00
1.10
F1
F2
1MA129-102MF_
1000
±20%
0.930
1.200
0.88
1.00
F1
F2
1MA129-122MF_
1200
±20%
1.110
1.330
0.80
0.81
F1
F2
1MA129-152MF_
1500
±20%
1.660
1.990
0.66
0.71
F1
F2
1MA129-182MF_
1800
±20%
1.820
2.180
0.63
0.60
F1
F2
1MA129-222MF_
2200
±20%
2.150
2.580
0.58
0.54
F1
F2
1. Available for both Plastic Base and Metal Base, when ordering please specify the base type codes: e.g. 1MA127-1R0NFP
P= Plastic Base
M= Metal Base
2. Inductance measured @ 100KHz, 0.3V at 25°C temperature.
3. DCR measured @ 25°C.
4. Irms: DC current for an approximate 40°C rise from 20°C ambient temperature.
5. Isat: DC current for approximate 10% roll off at 25°C.
6. Specifications subject to change without notice please check our website for latest information.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com