Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS22921 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # PS22921
Description  12V, 500mA Fast Transient Response Linear Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PS22921 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  PS22921 Datasheet HTML 1Page - List of Unclassifed Manufacturers PS22921 Datasheet HTML 2Page - List of Unclassifed Manufacturers PS22921 Datasheet HTML 3Page - List of Unclassifed Manufacturers PS22921 Datasheet HTML 4Page - List of Unclassifed Manufacturers PS22921 Datasheet HTML 5Page - List of Unclassifed Manufacturers PS22921 Datasheet HTML 6Page - List of Unclassifed Manufacturers PS22921 Datasheet HTML 7Page - List of Unclassifed Manufacturers PS22921 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
PS22921
Plessey Semiconductors Ltd, Tamerton Road, Roborough, Plymouth, UK PL6 7BQ
Data Sheet 292203 issue 1
Tel: +44 (0)1752 693000
Fax: +44 (0)1752 693200
Web: www.plesseysemiconductors.com
email: sales@plesseysemi.com; October 12, 2010
2
Pin Description
Symbol
Pin #
SOT23-5
Description
EN
3
Enable pin. It controls the electrical on/off of the device. When connected to
logic low, the device shuts off and consumes less than 1µA of current. Logic
high will resume normal operation.
ByPass
4
Bypass pin. Connect an external capacitor from BYP to ground to bypass the
noise generated by the internal bandgap. This improves power supply rejection
ratio and output noise. A minimum capacitor of 220pF is recommended.
VIN
1
Input supply pin. Connect a 10µF capacitor between this pin and ground.
NC
N/A
No connect.
FB
N/A
Feedback Voltage. A resistor network of two resistors is used to set-up the
output voltage connected between Vout and GND. The center tap of the two
resistors is connected to FB pin. For fixed voltage options, the resistors are
internally connected to VOUT.
VOUT
5
Regulated output Voltage. Connect a 10µF capacitor from this pin to ground.
PG
N/A
Power good. It is an open collector, active high output that indicates the status
of the output voltage. When output voltage (VOUT) exceeds the PG trip threshold,
the PG pin goes in to a high impedance state. When the device is out of
regulation or shutdown, the PG pin is pulled low. A 10K
to 1M
resistor
should be connected from PG to VOUT.
GND
2
Ground connection.
N/A
Expose pad. Connected to PCB ground plane for good thermal dissipation.
NB: N/A = Not available in the shown package type
Pin Configuration



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com