Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS22921 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # PS22921
Description  12V, 500mA Fast Transient Response Linear Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PS22921 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

  PS22921 Datasheet HTML 1Page - List of Unclassifed Manufacturers PS22921 Datasheet HTML 2Page - List of Unclassifed Manufacturers PS22921 Datasheet HTML 3Page - List of Unclassifed Manufacturers PS22921 Datasheet HTML 4Page - List of Unclassifed Manufacturers PS22921 Datasheet HTML 5Page - List of Unclassifed Manufacturers PS22921 Datasheet HTML 6Page - List of Unclassifed Manufacturers PS22921 Datasheet HTML 7Page - List of Unclassifed Manufacturers PS22921 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
PS22921
Plessey Semiconductors Ltd, Tamerton Road, Roborough, Plymouth, UK PL6 7BQ
Data Sheet 292203 issue 1
Tel: +44 (0)1752 693000
Fax: +44 (0)1752 693200
Web: www.plesseysemiconductors.com
email: sales@plesseysemi.com; October 12, 2010
8
Outline Drawing and Landing Pattern (SOT23-5)
For further information about this and other products, please visit: www.plesseysemiconductors.com
Legal Notice
Product information provided by Plessey Semiconductors Limited (“Plessey”) in this document is believed to be correct and accurate. Plessey
reserves the right to change/ correct the specifications and other data or information relating to products without notice but Plessey accepts no
liability for errors that may appear in this document, howsoever occurring, or liability arising from the use or application of any information or
data provided herein. Neither the supply of such information, nor the purchase or use of products conveys any licence or permission under
patent, copyright, trademark or other intellectual property right of Plessey or third parties.
Products sold by Plessey are subject to its standard Terms and Conditions of Sale that are available on request. No warranty is given that
products do not infringe the intellectual property rights of third parties, and furthermore, the use of products in certain ways or in combination
with Plessey, or non-Plessey furnished equipments/components may infringe intellectual property rights of Plessey.
The purpose of this document is to provide information only and it may not be used, applied or reproduced (in whole or in part) for any purpose
nor be taken as a representation relating to the products in question. No warranty or guarantee express or implied is made concerning the
capability, performance or suitability of any product, and information concerning possible applications or methods of use is provided for
guidance only and not as a recommendation. The user is solely responsible for determining the performance and suitability of the product in
any application and checking that any specification or data it seeks to rely on has not been superseded.
Products are intended for normal commercial applications. For applications requiring unusual environmental requirements, extended
temperature range, or high reliability capability (e.g. military, or medical applications), special processing/testing/conditions of sale may be
available on application to Plessey.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com