Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML22Q573 Datasheet(PDF) 46 Page - List of Unclassifed Manufacturers

Part # ML22Q573
Description  4-Channel Mixing Speech Synthesis LSI
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ML22Q573 Datasheet(HTML) 46 Page - List of Unclassifed Manufacturers

Back Button ML22Q573 Datasheet HTML 42Page - List of Unclassifed Manufacturers ML22Q573 Datasheet HTML 43Page - List of Unclassifed Manufacturers ML22Q573 Datasheet HTML 44Page - List of Unclassifed Manufacturers ML22Q573 Datasheet HTML 45Page - List of Unclassifed Manufacturers ML22Q573 Datasheet HTML 46Page - List of Unclassifed Manufacturers ML22Q573 Datasheet HTML 47Page - List of Unclassifed Manufacturers ML22Q573 Datasheet HTML 48Page - List of Unclassifed Manufacturers ML22Q573 Datasheet HTML 49Page - List of Unclassifed Manufacturers ML22Q573 Datasheet HTML 50Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 69 page
background image
FEDL22Q553-02
ML22Q553
13. CVOL command
command
1
0
1
0
CH3
CH2
CH1
CH0
1st byte
0
0
0
CV4
CV 3
CV 2
CV 1
CV 0
2nd byte
The CVOL command is used to adjust the playback volume on each channel.
It is possible to input the VOL
command regardless of the status of the NCR signal.
The CVOL command can be set for each channel.
The CVOL command allows specifying multiple channels at
one time.
Setting any bit(s) from CH0 to CH3 to “1” sets the playback volume on the corresponding channel(s).
The volume setting is initialized by the AMODE command.
Channel settings
Channel
CH0
Setting this bit to “1” sets the volume on channel 0.
CH1
Setting this bit to “1” sets the volume on channel 1.
CH2
Setting this bit to “1” sets the volume on channel 2.
CH3
Setting this bit to “1” sets the volume on channel 3.
Be sure to set the channel setting bits( CH0-CH3).
The command enables 32-level adjustment of volume, as shown in the table below.
The initial value after reset
release is set to 0 dB.
Upon reset release or when the PUP command is input, the values set by the CVOL
command are initialized.
CV4–0
Volume
CV4–0
Volume
1F
0 dB (initial value)
0F
−6.31
1E
−0.28
0E
−6.90
1D
−0.58
0D
−7.55
1C
−0.88
0C
−8.24
1B
−1.20
0B
−9.00
1A
−1.53
0A
−9.83
19
−1.87
09
−10.74
18
−2.22
08
−11.77
17
−2.59
07
−12.93
16
−2.98
06
−14.26
15
−3.38
05
−15.85
14
−3.81
04
−17.79
13
−4.25
03
−20.28
12
−4.72
02
−23.81
11
−5.22
01
−29.83
10
−5.74
00
OFF
46/69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com