Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML22Q573 Datasheet(PDF) 67 Page - List of Unclassifed Manufacturers

Part # ML22Q573
Description  4-Channel Mixing Speech Synthesis LSI
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ML22Q573 Datasheet(HTML) 67 Page - List of Unclassifed Manufacturers

Back Button ML22Q573 Datasheet HTML 61Page - List of Unclassifed Manufacturers ML22Q573 Datasheet HTML 62Page - List of Unclassifed Manufacturers ML22Q573 Datasheet HTML 63Page - List of Unclassifed Manufacturers ML22Q573 Datasheet HTML 64Page - List of Unclassifed Manufacturers ML22Q573 Datasheet HTML 65Page - List of Unclassifed Manufacturers ML22Q573 Datasheet HTML 66Page - List of Unclassifed Manufacturers ML22Q573 Datasheet HTML 67Page - List of Unclassifed Manufacturers ML22Q573 Datasheet HTML 68Page - List of Unclassifed Manufacturers ML22Q573 Datasheet HTML 69Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 67 / 69 page
background image
FEDL22Q553-02
ML22Q553
PACKAGE DIMENSIONS
Notes for Mounting the Surface Mount Type Package
The surface mount type packages are very susceptible to heat in reflow mounting and humidity absorbed in
storage. Therefore, before you perform reflow mounting, contact ROHM’s responsible sales person for the
product name, package name, pin number, package code and desired mounting conditions (reflow method,
temperature and times).
Notes for heat sink type Package
This LSI adopts a heat sink type package to raise a radiation of heat characteristic. Be sure to design the land
pattern corresponding to the heat sink area of the LSI on a board, and solder each other. The heat sink area of the
LSI solder open or GND on the board.
67/69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com