Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STP413D Datasheet(PDF) 1 Page - Stanson Technology

Part # STP413D
Description  P Channel Enhancement Mode MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANSON [Stanson Technology]
Direct Link  http://www.stansontech.com
Logo STANSON - Stanson Technology

STP413D Datasheet(HTML) 1 Page - Stanson Technology

  STP413D Datasheet HTML 1Page - Stanson Technology STP413D Datasheet HTML 2Page - Stanson Technology STP413D Datasheet HTML 3Page - Stanson Technology STP413D Datasheet HTML 4Page - Stanson Technology STP413D Datasheet HTML 5Page - Stanson Technology STP413D Datasheet HTML 6Page - Stanson Technology STP413D Datasheet HTML 7Page - Stanson Technology STP413D Datasheet HTML 8Page - Stanson Technology STP413D Datasheet HTML 9Page - Stanson Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
STP413D
P Channel Enhancement Mode MOSFET
-
12.0A
STANSON TECHNOLOGY
120 Bentley Square, Mountain View, Ca 94040 USA
www.stansontech.com
Copyright © 2009, Stanson Corp.
STP413D 2009. V1
DESCRIPTION
STP413D is the P-Channel logic enhancement mode power field effect transistor which
is produced using high cell density, DMOS trench technology. The STP413D has been
designed specially to improve the overall efficiency of DC/DC converters using either
synchronous or conventional switching PWM controllers. It has been optimized for low
gate charge, low RDS(ON) and fast switching speed.
PIN CONFIGURATION (D-PAK)
TO-252
TO-251
PART MARKING
Y:Year Code
A:Perduce Code
Q:Process Code
FEATURE
l
-40V/-12.0A, RDS(ON) = 36mΩ (Typ.)
@VGS = -10V
l
-40V/-8.0A, RDS(ON) = 52mΩ
@VGS =-4.5V
l
Super high density cell design for
extremely low RDS(ON)
l
Exceptional on-resistance and
maximum DC current capability
l
TO-252,TO-251 package design


Similar Part No. - STP413D

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
STP413D VBSEMI-STP413D Datasheet
1Mb / 9P
P-Channel 4 0 V (D-S) MOSFET
logo
SHENZHEN DOINGTER SEMIC...
STP413D DOINGTER-STP413D Datasheet
1,019Kb / 4P
P-Channel MOSFET uses advanced trench technology
More results

Similar Description - STP413D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SI9405DY ETC1-SI9405DY Datasheet
156Kb / 4P
P-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPP1433 SYNC-POWER-SPP1433 Datasheet
203Kb / 8P
P-Channel Enhancement Mode MOSFET
SPP2095 SYNC-POWER-SPP2095 Datasheet
200Kb / 8P
P-Channel Enhancement Mode MOSFET
SPP2305 SYNC-POWER-SPP2305 Datasheet
211Kb / 8P
P-Channel Enhancement Mode MOSFET
logo
Stanson Technology
ST2301A STANSON-ST2301A Datasheet
221Kb / 6P
P Channel Enhancement Mode MOSFET
ST2305A STANSON-ST2305A Datasheet
147Kb / 6P
P Channel Enhancement Mode MOSFET
ST3401 STANSON-ST3401 Datasheet
200Kb / 6P
P Channel Enhancement Mode MOSFET
logo
SYNC POWER Crop.
SPP2319 SYNC-POWER-SPP2319 Datasheet
210Kb / 8P
P-Channel Enhancement Mode MOSFET
SPP3401B SYNC-POWER-SPP3401B Datasheet
204Kb / 8P
P-Channel Enhancement Mode MOSFET
SPP3407B SYNC-POWER-SPP3407B Datasheet
211Kb / 8P
P-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com