Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAL04Z2R2M Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # LAL04Z2R2M
Description  AXIAL LEADED INDUCTORS
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LAL04Z2R2M Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  LAL04Z2R2M Datasheet HTML 1Page - List of Unclassifed Manufacturers LAL04Z2R2M Datasheet HTML 2Page - List of Unclassifed Manufacturers LAL04Z2R2M Datasheet HTML 3Page - List of Unclassifed Manufacturers LAL04Z2R2M Datasheet HTML 4Page - List of Unclassifed Manufacturers LAL04Z2R2M Datasheet HTML 5Page - List of Unclassifed Manufacturers LAL04Z2R2M Datasheet HTML 6Page - List of Unclassifed Manufacturers LAL04Z2R2M Datasheet HTML 7Page - List of Unclassifed Manufacturers LAL04Z2R2M Datasheet HTML 8Page - List of Unclassifed Manufacturers LAL04Z2R2M Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
295
外形寸法 EXTERNAL DIMENSIONS
5
EEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEE
EEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEE
EEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEE
P.296
P.301
P.303
P.336
P.10
VD
VA
VB
KR
KH
概略バリエーション AVAILABLE INDUCTANCE RANGE
EEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEE
LAL/LAP02
LAN02
LAL03
LAL04
LAL05
Type
Range
0.12
0.22
0.22
0.1
1
10
100
1000
0.22
1000
1000
220
470
12
220
TB
TA
NA
NA
Type
Dimensions[mm]finchg
テーピング Taped
単品Bulk
L
B
D
B
d
ストレートStraight
フォーミングFormed
ストレートStraight
フォーミングFormed
LAL02
3.4max
2.3max
0.5M0.05
EEE
f
0.134maxgf0.091maxgf0.020M0.002g
LAP02
3.4max
2.3max
f
0.134maxgf0.091maxg
0.45M0.05
EEE
EEE
LAN02
3.6max
2.4max
f
0.018M0.002g
f
0.142maxgf0.094maxg
LAL03
7.0max
2.6
  
F0.5M0.05
f
0.276maxgf0.102
    gf0.020M0.002g
LAL04
9.8max
4.0max
0.65M0.05
EEE
f
0.386maxgf0.157maxgf0.026M0.002g
LAL05
14.0max
5.5max
0.65M0.05
EEE
EEE
EEE
f
0.551maxgf0.217maxgf0.026M0.002g
920
500
275
0.19
0.58
1.8
270
160
90
0.8
2.5
7.0
500
280
120
0.32
1.0
5.6
370
0.55
270
0.8
2.5
12
160
44
Pitch
D5mm
(0.197)
TA
SK
KB
TB
TB
NA
TB
Unit
Dmmfinchg
J
0.1
K
0.2
J
0.004
K
0.008
FVBD0.6M0.05
f
0.024M0.002g
Imax[mA]
Rdc max[E] Imax[mA]
Rdc max[E] Imax[mA]
Imax[mA]
Rdc max[E]
Rdc max[E] Imax[mA]
Rdc max[E]
40
33.0
100
14.0
Inductance
Imax
[mA] Rdcmax[E] Imax[mA] Rdcmax[E] Imax[mA] Rdcmax[E] Imax[mA] Rdcmax[E] Imax[mA] Rdcmax[E]
1AH
270
0.8
500
0.32
270
0.8
920
0.19
      E
10AH
160
2.5
280
1.0
160
2.5
500
0.58
      E
100AH4412
120
5.6
90
7.0
275
1.8
370
0.55
1000AH
EE
40
33.0
100
14.0
E
Pitch
D5mm(0.197)
2.5mm(0.098)
Pitch
D5mm
(0.197)
Pitch
D10mm
(0.394)
Pitch
D5mm(0.197)
12.5mm(0.492)
アイテム一覧
Part Numbers
特性図
Electrical Characteristics
梱包
Packaging
信頼性
Reliability Data
使用上の注意
Precautions
セレクションガイド
Selection Guide
etc
P.354



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com