Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAL04Z2R2M Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # LAL04Z2R2M
Description  AXIAL LEADED INDUCTORS
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LAL04Z2R2M Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  LAL04Z2R2M Datasheet HTML 1Page - List of Unclassifed Manufacturers LAL04Z2R2M Datasheet HTML 2Page - List of Unclassifed Manufacturers LAL04Z2R2M Datasheet HTML 3Page - List of Unclassifed Manufacturers LAL04Z2R2M Datasheet HTML 4Page - List of Unclassifed Manufacturers LAL04Z2R2M Datasheet HTML 5Page - List of Unclassifed Manufacturers LAL04Z2R2M Datasheet HTML 6Page - List of Unclassifed Manufacturers LAL04Z2R2M Datasheet HTML 7Page - List of Unclassifed Manufacturers LAL04Z2R2M Datasheet HTML 8Page - List of Unclassifed Manufacturers LAL04Z2R2M Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
296
アイテム一覧 PART NUMBERS
LAL/LAP02
形名のGには製品区分記号fリード線径gが入ります。fL:標準0.5mm, P:0.45mmg
形名のZにはリード加工形状記号が入ります。
G
Please specify the Product Specification(lead diameter)code. fL:standard 0.5mm or P:0.45mmg
Z Please specify the Lead configuration code.
LAG02
ZR22K
0.22
450.0
0.40
400.0
LAG02
ZR27K
0.27
410.0
0.43
380.0
LAG02
ZR33K
0.33
360.0
0.48
370.0
LAG02
ZR39K
0.39
300.0
0.51
350.0
LAG02
ZR47K
0.47
35.0
25.2
230.0
0.56
330.0
LAG02
ZR56K
0.56
210.0
0.61
320.0
LAG02
ZR68K
0.68
190.0
0.67
310.0
LAG02
ZR82K
0.82
170.0
0.74
290.0
LAG02
Z1R0K
1.0
150.0
0.80
270.0
LAG02
Z1R2K
1.2
110.0
0.9
260.0
LAG02
Z1R5K
1.5
80.0
1.0
250.0
LAG02
Z1R8K
1.8
60.0
1.1
240.0
LAG02
Z2R2K
2.2
45.0
1.2
230.0
LAG02
Z2R7K
2.7
40.0
1.3
220.0
LAG02
Z3R3K
3.3
38.0
1.4
210.0
LAG02
Z3R9K
3.9
7.96
35.0
1.6
200.0
LAG02
Z4R7K
4.7
32.0
1.7
190.0
LAG02
Z5R6K
5.6
30.0
1.9
180.0
LAG02
Z6R8K
6.8
M
10L
28.0
2.0
175.0
LAG02
Z8R2K
8.2
26.0
2.2
165.0
LAG02
Z100K
10.0
24.0
2.5
160.0
LAG02
Z120K
12.0
22.0
2.5
150.0
LAG02
Z150K
15.0
40.0
20.0
2.8
145.0
LAG02
Z180K
18.0
18.0
3.1
140.0
LAG02
Z220K
22.0
17.0
3.4
130.0
LAG02
Z270K
27.0
16.0
4.3
80.0
LAG02
Z330K
33.0
2.52
14.0
4.7
76.0
LAG02
Z390K
39.0
13.0
5.2
74.0
LAG02
Z470K
47.0
12.0
5.8
70.0
LAG02
Z560K
56.0
11.0
6.4
68.0
LAG02
Z680K
68.0
10.0
7.2
64.0
LAG02
Z820K
82.0
9.5
11.0
46.0
LAG02
Z101K
100.0
9.0
12.0
44.0
LAG02
Z121K
120.0
8.0
13.0
42.0
LAG02
Z151K
150.0
0.796
6.0
16.0
39.0
LAG02
Z181K
180.0
5.5
18.0
37.0
LAG02
Z221K
220.0
5.0
20.0
35.0
公  称
インダクタンス
Inductance
[AH]
形  名
Ordering code
定格電流
Rated
current
h
mAi
f
max.g
直流抵抗
DC
Resistance
hEi
f
max.g
自己共振
周波 数
SelfKresonant
frequency
h
MHzi
f
min.g
測 定
周波数
Measuring
frequency
h
MHzi
Q
f
min.g
インダクタンス
許容差
Inductance
Tolerance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com