Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AND064VT4N1-HB Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # AND064VT4N1-HB
Description  Color Displays - (Prototype Kits Available for All Displays)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AND064VT4N1-HB Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  AND064VT4N1-HB Datasheet HTML 1Page - List of Unclassifed Manufacturers AND064VT4N1-HB Datasheet HTML 2Page - List of Unclassifed Manufacturers AND064VT4N1-HB Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Purdy Electronics Corporation • 720 Palomar Avenue • Sunnyvale, CA 94085
Tel: 408.523.8282 • Fax: 408.733.1287 • email@purdyelectronics.com
9/30/05
www.purdyelectronics.com
Color Displays - (Prototype Kits Available for All Displays)
Color TFT Monitors (includes CCFL backlight, inverter and control circuitry)
Part Number
Screen
Diagonal
(inches)
Pixel
Count
W x H
Brightness
Nits
(cd/m2)
Pixel Pitch
(mm)
W x H
Active Area
(mm)
W x H
Overall
Dimension
(mm)
W x H x D
Driving
Voltage
(V)
Input Signal
AND-TFT-25PA
2.5
160 x 234
250
0.105 x 0.161
50.2 x 37.7
62 x 49 x 6
12.0*
TFT Analog RGB, NTSC, PAL
AND-TFT-25PA-LED
2.5
160 x 234
220
0.1025 x 0.163
49.2 x 38.14
59 x 50 x 6
12.0
TFT Analog RGB, NTSC, PAL
AND-TFT-35PA
3.5
160 x 234
250
0.149 x 0.225
71.6 x 52.7
84 x 69 x 7
12.0*
TFT Analog RGB, NTSC, PAL
AND-TFT-35PA-LED
3.5
160 x 234
220
0.149 x 0.225
71.6 x 52.7
84 x 69 x 8
12.0
TFT Analog RGB, NTSC, PAL
AND-TFT-35PA-4HB
3.5
160 x 234
2,000
0.149 x 0.225
71.6 x 52.7
84 x 69 x 9
12.0
TFT Analog RGB, NTSC, PAL
AND-TFT-5PA
5.0
320 x 234
400
0.107 x 0.319
102.7 x 74.5
127 x 93 x 13
12.0*
NTSC/PAL Composite, RGB, VGA
AND-TFT-5PA-DHB
5.0
320 x 234
500
0.32 x 0.32
102.7 x 74.5
127 x 93 x 13
12.0*
NTSC/PAL Composite, RGB, VGA
AND-TFT-5TS
5.0
960 x 234
350
0.107 x 0.319
102.7 x 74.5
119 x 91 x 7.5
12.0
NTSC/PAL Composite, RGB, VGA
ABD-TFT-62PA
6.2
1440 x 234
350
0.114 x 0.33
137.5 x 77.2
154.4 x 92.6 x 6
12.0
NTSC/PAL Composite, RGB, VGA
AND-TFT-64PA
6.4
320 x 234
330
0.135 X 0.416
129.6 x 97.3
156.3 x 120 x 14.3
12.0*
NTSC/PAL Composite
AND-TFT-64PA-DHB
6.4
320 x 234
500
0.135 x 0.416
129.6 x 97.3
156.3 x 120 x 14.3
12.0*
NTSC/PAL Composite
AND-TFT-7PA
7.0
1440 x 234
350
0.107 x 0.37
154.1 x 86.6
166 x 100 x 7.2
12.0
NTSC/PAL Composite
Color TFT Modules (includes CCFL backlight)
Part Number
Screen
Diagonal
(inches)
Pixel
Count(1)
W x H
Brightness
Nits
(cd/m2)
Pixel Pitch
(mm) W x H
Active Area
(mm) W x H
Overall
Dimension
(mm)
W x H x D
Driving
Voltage
(V)
Input Signal(2)
Poly-Silicon Color TFT Displays
ANDpSi04C380K-HB
4.0
640 x 480
200
0.126 x 0.126
80.64 x 60.48
118 x 73 x 6
3.3
Digital 6-bit interface
ANDpSi056ET0S
5.6
1024 x 600
120
0.120 x 0.120
122.88 x 72
141.8 x 84.4 x 7.5
3.3
Digital 6-bit interface
ANDpSi056ET0S-DHB
5.6
1024 x 600
250
0.120 x 0.120
122.88 x 72
141.8 x 84.4 x 7.5
3.3
Digital 6-bit interface
ANDpSi08C355
8.4
800 x 600
145
0.213 x 0.213
170.4 x 127.8
201 x 140 x 6
3.3
Digital 6-bit interface
ANDpSi08C351-HB
8.4
800 x 600
350
0.213 x 0.213
170.4 x 127.8
200 x 150 x 12
3.3
Digital 6-bit interface
ANDpSi104EA5S-HB
10.4
1024 x 768
180
0.2055 x 0.2055
210.4 x 157.8
242 x 172 x 6
3.3
LVDS 6-bit interface
ANDpSi104EA5S-4HB
10.4
1024 x 768
1,000
0.2055 x 0.2055
210.4 x 157.8
238 x 173 x 15
3.3
LVDS 6-bit interface
ANDpSi121C505-HB
12.1
1024 x 768
165
0.24 x 0.24
245.7 x 184.3
261 x 199 x 5
3.3
LVDS 6-bit interface
ANDpSi121GA0S-HB
12.1
1024 x 768
350
0.24 x 0.24
245.8 x 184.3
278 x 209 x 12
3.3
Digital 6-bit interface
Amorphous-Silicon Color TFT Displays
AND064VT4N1-HB
6.4
640 x 480
400
0.203 x 0.203
129.6 x 97.4
175 x 127 x 13
5.0
Digital 6-bit interface
AND064VT5N1-WVHB
6.4
640 x 480
350
0.203 x 0.203
129.6 x 97.4
175 x 127 x 13
5.0
Digital 6-bit interface
AND065A041F-HB
6.5
640 x 480
400
0.0685 x 0.2055
131.52 x 98.63
151 x 115.5 x 10
5.0
Digital 6-bit interface
AND10C210-HB
10.4
640 x 480
400
0.33 x 0.33
211.2 x 158.4
265 x 189 x 14
5.0
Digital 6-bit interface
AND10C210-DHB
10.4
640 x 480
500
0.33 x 0.33
211.2 x 158.4
265 x 189 x 14
5.0
Digital 6-bit interface
AND10C210-4HB
10.4
640 x 480
1,000
0.33 x 0.33
211.2 x 158.4
265 x 189 x 14
5.0
Digital 6-bit interface
AND10C401S-DHB
10.4
800 x 600
350
0.264 x 0.264
211.2 x 158.4
243 x 185 x 11
3.3
Digital 6-bit interface
AND12C285-DHB
12.1
800 x 600
500
0.3075 x 0.3075
246.0 x 184.5
290 x 220 x 15
5.0
Digital 6-bit interface
AND12C285-4HB
12.1
800 x 600
850
0.3075 x 0.3075
246.0 x 184.5
290 x 220 x 17
5.0
Digital 6-bit interface
* Control circuitry includes integrated DC-AC inverter to drive CCFL backlight.
Note 1:
VGA = 640 x 480 resolution; SVGA = 800 x 600 resolution; XGA = 1024 x 768 resolution
Note 2:
6 bit = 256k colors; 8 bit = 16.2M colors
Note 3:
pSi in the part number designates a poly-silicon display (high definition and more durable), all other displays are amorphous silicon.
Note 4:
Wide Viewing angle display


Similar Part No. - AND064VT4N1-HB

ManufacturerPart #DatasheetDescription
logo
Purdy Electronics Corpo...
AND064VT4N1-HB PURDY-AND064VT4N1-HB Datasheet
202Kb / 4P
Color TFT LCD Module
More results

Similar Description - AND064VT4N1-HB

ManufacturerPart #DatasheetDescription
logo
Rohm
LD-201 ROHM-LD-201 Datasheet
54Kb / 2P
Flat displays
logo
Sony Corporation
CXA1726AM SONY-CXA1726AM Datasheet
192Kb / 10P
Multiplier IC for Displays
logo
Hitachi Semiconductor
EHD66764 HITACHI-EHD66764 Datasheet
257Kb / 38P
176-channel Common Driver for Color Displays
logo
Yellow Stone Corp
BS-AB4EGRD YSTONE-BS-AB4EGRD Datasheet
120Kb / 1P
MULTI-COLOR LED DISPLAYS
BM-11257MD YSTONE-BM-11257MD Datasheet
137Kb / 1P
Single Color 5x7 Dot Matrix Displays
logo
ELMOS Semiconductor AG
E910.37 ELMOS-E910.37 Datasheet
122Kb / 1P
LCD controller, driver for grey scale, ECB color displays
logo
OSRAM GmbH
LRTGFTM OSRAM-LRTGFTM Datasheet
403Kb / 24P
3-colour displays, RGY displays
KRHAVPA1.22 OSRAM-KRHAVPA1.22 Datasheet
870Kb / 21P
Full color displays
logo
ams AG
TCS3701 AMSCO-TCS3701 Datasheet
94Kb / 4P
ALS/Color and Proximity Sensor for Use Behind OLED Displays
2018-Dec-19
logo
Yellow Stone Corp
BM-20258MD YSTONE-BM-20258MD Datasheet
155Kb / 1P
Single Color 5x8 Dot Matrix Displays
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com