Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC3H411NIP0F Datasheet(PDF) 5 Page - Sharp Corporation

Part # PC3H411NIP0F
Description  Mini-flat Half Pitch Package, High CMR, AC Input, Low Input Current Photocoupler
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC3H411NIP0F Datasheet(HTML) 5 Page - Sharp Corporation

  PC3H411NIP0F Datasheet HTML 1Page - Sharp Corporation PC3H411NIP0F Datasheet HTML 2Page - Sharp Corporation PC3H411NIP0F Datasheet HTML 3Page - Sharp Corporation PC3H411NIP0F Datasheet HTML 4Page - Sharp Corporation PC3H411NIP0F Datasheet HTML 5Page - Sharp Corporation PC3H411NIP0F Datasheet HTML 6Page - Sharp Corporation PC3H411NIP0F Datasheet HTML 7Page - Sharp Corporation PC3H411NIP0F Datasheet HTML 8Page - Sharp Corporation PC3H411NIP0F Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Sheet No.: D2-A02102
FEN
■ Model Line-up
IC [mA]
(IF
=±0.5mA, VCE=5V, Ta=25˚C)
with or without
A
0.25 to 2.0
0.5 to 1.5
Package
Rank mark
Model No.
PC3H410NIP0F
PC3H411NIP0F
3 000pcs/reel
Taping
5
Please contact a local SHARP sales representative to inquire about production status.
PC3H41xNIP0F Series



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com