Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC3H411NIP0F Datasheet(PDF) 6 Page - Sharp Corporation

Part # PC3H411NIP0F
Description  Mini-flat Half Pitch Package, High CMR, AC Input, Low Input Current Photocoupler
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC3H411NIP0F Datasheet(HTML) 6 Page - Sharp Corporation

Back Button PC3H411NIP0F Datasheet HTML 2Page - Sharp Corporation PC3H411NIP0F Datasheet HTML 3Page - Sharp Corporation PC3H411NIP0F Datasheet HTML 4Page - Sharp Corporation PC3H411NIP0F Datasheet HTML 5Page - Sharp Corporation PC3H411NIP0F Datasheet HTML 6Page - Sharp Corporation PC3H411NIP0F Datasheet HTML 7Page - Sharp Corporation PC3H411NIP0F Datasheet HTML 8Page - Sharp Corporation PC3H411NIP0F Datasheet HTML 9Page - Sharp Corporation PC3H411NIP0F Datasheet HTML 10Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Sheet No.: D2-A02102
FEN
Ambient temperature Ta (˚C)
0
200
150
170
100
50
−30
0
25
50
75
100
125
250
Fig.5 Total Power Dissipation vs. Ambient
Temperature
Ambient temperature Ta (˚C)
0
10
15
5
−30
0
25
50
75
100
125
Fig.2 Forward Current vs. Ambient
Temperature
Ambient temperature Ta (˚C)
0
15
10
5
−30
0
25
50
75
100
125
Fig.3 Diode Power Dissipation vs. Ambient
Temperature
Ambient temperature Ta (˚C)
0
200
250
150
100
50
−30
0
25
50
75
100
125
Fig.4 Collector Power Dissipation vs.
Ambient Temperature
6
Fig.1 Test Circuit for Common Mode Rejection Voltage
VCM
Vcp
Vnp
VO
(dV/dt)
1)
RL
Vnp
VCC
VCM
1) Vcp : Voltage which is generated by displacement current in floating
capacitance between primary and secondary side.
(Vcp Nearly = dV/dt×Cf×RL)
VCM : High wave
pulse
RL=470Ω
VCC=9V
PC3H41xNIP0F Series



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com