Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RBC08C Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # RBC08C
Description  Absorbing impact and noise
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RBC08C Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  RBC08C Datasheet HTML 1Page - List of Unclassifed Manufacturers RBC08C Datasheet HTML 2Page - List of Unclassifed Manufacturers RBC08C Datasheet HTML 3Page - List of Unclassifed Manufacturers RBC08C Datasheet HTML 4Page - List of Unclassifed Manufacturers RBC08C Datasheet HTML 5Page - List of Unclassifed Manufacturers RBC08C Datasheet HTML 6Page - List of Unclassifed Manufacturers RBC08C Datasheet HTML 7Page - List of Unclassifed Manufacturers RBC08C Datasheet HTML 8Page - List of Unclassifed Manufacturers RBC08C Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
RB
06 04
Specifications
RB0805
RBC0805
0.98
5
80
245
1.96
3.83
15
16
RB0806
RBC0806
2.94
6
80
245
1.96
4.22
15
16
RB1006
RBC1006
3.92
6
70
422
4.22
6.18
23
25
RB1007
RBC1007
5.88
7
70
422
4.22
6.86
23
25
RB1411
RBC1411
14.7
11
45
814
6.86
15.30
65
70
RB1412
RBC1412
19.6
12
45
814
6.86
15.98
65
70
RB2015
RBC2015
58.8
M20 x 1.5
15
25
1961
8.34
20.50
150
165
RB2725
RBC2725
147
M27 x 1.5
25
10
2942
8.83
20.01
350
400
0.05 to 5.0
–10 to 80 (No freezing)
Basic type
With cap
Extended
Retracted
Basic type
With cap
Spring force
(N)
Mass (g)
Max. energy absorption (J)
Note 1)
Thread O.D. size
Stroke (mm)
Max. corresponding mass
of impacting object (1) (kg)
Collision speed (m/s)
Max. operating frequency (2)
(cycle/min)
Max. allowable thrust (N)
Ambient temperature range (
°C)
Model
Specifications
RB
RBC
C
C 14 12
08
Shock absorber
Type
Nil
C
Basic type
With cap
Applicable model
Nil
S
J
None
With stopper nut
Add’l 1 hex. nut (Total: 3 pcs.
∗)
Option
O.D thread—Stroke
Replacement part no./Cap (Resin part only)
Cap
Cap cannot be mounted for basic type. Please place an order with cap type from the beginning.
08
10
14
RBC0805, 0806
RBC1006, 1007
RBC1411, 1412
20
27
RBC2015
RBC2725
M14 x 1.5
M10 x 1.0
M8 x 1.0
0.5
M6 x 0.75
4
3
0.3 to 1.0
80
150
3.05
5.59
5.5
RB0604
1677
Shock Absorber
Series
RB
∗ 2 mounting hexagon nuts are
attached as standard.
Basic type
With cap
Note 1) The maximum energy absorption, the maximum corresponding mass of impacting object and
maximum operating frequency are measured at room temperature (20 to 25
°C).
Note 2) It denotes the values at the maximum energy absorption per one cycle.
Max. operating frequency can increase in proportion to energy absorption.
How to Order
RB
Individual
-X
„
D-
„
-X
„
P1673-P1718-E.qxd
08.11.17 4:02 PM
Page 1677



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com