Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RBC08C Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # RBC08C
Description  Absorbing impact and noise
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RBC08C Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  RBC08C Datasheet HTML 1Page - List of Unclassifed Manufacturers RBC08C Datasheet HTML 2Page - List of Unclassifed Manufacturers RBC08C Datasheet HTML 3Page - List of Unclassifed Manufacturers RBC08C Datasheet HTML 4Page - List of Unclassifed Manufacturers RBC08C Datasheet HTML 5Page - List of Unclassifed Manufacturers RBC08C Datasheet HTML 6Page - List of Unclassifed Manufacturers RBC08C Datasheet HTML 7Page - List of Unclassifed Manufacturers RBC08C Datasheet HTML 8Page - List of Unclassifed Manufacturers RBC08C Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Series
RB
Shock Absorber
Series Variations
Series
Basic type
With cap or
bumper (Option)
Hexagon
nut ∗
Stopper nut
(Option)
Foot
bracket
Page
1677
1684
1688
∗ 2 Hexagon nuts are attached for Series RB and standard models RBQ.
Series RB
Series RBQ
Coolant resistant
Series RBL
Series
RB
Series
RBQ
M6, M8, M10, M14, M20, M27
Thread O.D. size
M10, M14, M20, M27
M16, M20, M25, M30, M32
Optional specifications are not
available for M6.
1673
Absorbing impact
and noise
Dampening to meet the high speed
requirements of the modern world.
Shock absorber
Automatic
adjustment
to
the
most
appropriate absorption performance
Specially
designed
orifice
can
absorb
energy
comprehensively and most appropriately in many
different applications. This ranges from high speed low
loads, to load speed high loads; without requiring
additional adjustment of the shock absorber.
Example of comparison for drag characteristics
∗ Drag waveform will vary depending on the operating conditions.
Stroke
Dashpot
Rubber bumper
SMC shock absorber
(Large energy)
SMC shock absorber
(Small energy)
Dashpot
Rubber bumper
SMC shock absorber
(Large energy)
SMC shock absorber
(Small energy)
Short type: Series RBQ
Shock absorber: Series RB
Coolant resistant type: Series RBL
Usable without a stopper nut
The strong body can be positioned directly.
A compact style that has been
shortened lengthwise
Allowable eccentric angle is 5
°
Suitable for absorption of rotation energy.
Usable without a stopper nut
The strong body can be positioned directly.
RB
Individual
-X
„
D-
„
-X
„
P1673-P1718-E.qxd
08.11.17 4:01 PM
Page 1673


Similar Part No. - RBC08C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RBC0805 ETC2-RBC0805 Datasheet
244Kb / 2P
It denotes the values at the maximum energy absorption per one cycle.
RBC0806 ETC2-RBC0806 Datasheet
244Kb / 2P
It denotes the values at the maximum energy absorption per one cycle.
More results

Similar Description - RBC08C

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7346 PHILIPS-SAA7346 Datasheet
113Kb / 24P
Shock absorbing RAM addresser
July 1994
logo
List of Unclassifed Man...
GVD-1016-40 ETC2-GVD-1016-40 Datasheet
231Kb / 2P
Vibration and shock absorbing Dampers
logo
JIEJIE MICROELECTRONICS...
CP1101SB JIEJIE-CP1101SB Datasheet
224Kb / 5P
Excellent capability of absorbing transient surge
P0080BE JIEJIE-P0080BE Datasheet
223Kb / 5P
Excellent capability of absorbing transient surge
P0080SC JIEJIE-P0080SC Datasheet
240Kb / 5P
Excellent capability of absorbing transient surge
P0080SD JIEJIE-P0080SD Datasheet
235Kb / 5P
Excellent capability of absorbing transient surge
P0300AMBS JIEJIE-P0300AMBS Datasheet
196Kb / 4P
Excellent capability of absorbing transient surge
logo
Shanghai Leiditech Elec...
LP1301SB LEIDITECH-LP1301SB Datasheet
497Kb / 4P
Excellent capability of absorbing transient surge
P4000SC LEIDITECH-P4000SC Datasheet
281Kb / 3P
Excellent xapability of absorbing transient surge
logo
T-Global Technology
TG-FAM TGLOBAL-TG-FAM Datasheet
864Kb / 4P
Flexible Absorbing Material
20230721
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com