Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PF5301 Datasheet(PDF) 1 Page - Micross Components

Part # PF5301
Description  Linear Systems replaces discontinued LF5301
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

PF5301 Datasheet(HTML) 1 Page - Micross Components

  PF5301 Datasheet HTML 1Page - Micross Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Click To Buy
Information furnished by Linear Integrated Systems and Micross Components is believed to be accurate and reliable. However, no responsibility is assumed
for its use; nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Linear Integrated Systems.
Micross Components Ltd, United Kingdom, Tel: +44 1603 788967, Fax: +44 1603788920, Email: chipcomponents@micross.com Web: www.micross.com/distribution.aspx
FEATURES 
DIRECT REPLACEMENT FOR LF5301  
HIGH INPUT IMPENDANCE 
IG = 0.100 pA 
HIGH GAIN 
gfs = 70 µS 
ABSOLUTE MAXIMUM RATINGS  
@ 25°C (unless otherwise noted) 
Maximum Temperatures 
Storage Temperature ‐65°C to +175°C 
Operating Junction Temperature ‐65°C to +150°C 
Maximum Power Dissipation 
Continuous Power Dissipation  
300mW 
MAXIMUM CURRENT
Gate Current (Note 1) 
50mA 
MAXIMUM VOLTAGES 
Gate to Drain or Gate to Source ‐30V 
  
  
 
PF5301 ELECTRICAL CHARACTERISTICS @ 25°C (unless otherwise noted)
SYMBOL 
CHARACTERISTIC 
MIN 
TYP. 
MAX 
UNITS 
CONDITIONS 
BVGSS 
Gate to Source Breakdown Voltage ‐30 
‐‐ 
‐‐ 
V 
VDS = 0V,   ID = ‐1µA 
VGS(off) 
Gate to Source Cutoff Voltage 
0.6 
‐‐ 
3.0 
V 
                  VDS = 10V,   ID = 1nA 
IGSS 
Gate Leakage Current 
‐‐ 
‐‐ 
‐1 
pA 
VDG = 0V,     VGS = ‐15V 
IG 
Gate Operating Current 
‐‐ 
0.04 
‐‐ 
VDG = 6V,    ID = 5µA 
IDSS 
Gate to Source Saturation Current 
30 
‐‐ 
500 
µA 
VDS = 10V,   VGS = 0V 
gfs 
Forward Transconductance 
70 
‐‐ 
300 
µS 
VDS = 10V,   VGS = 0V, f = 1kHz 
Ciss 
Input Capacitance 
‐‐ 
‐‐ 
3 
pF 
VDS = 10V,   VGS = 0V, f = 1MHz 
Crss 
Reverse Transfer Capacitance 
‐‐ 
‐‐ 
1.5 
en 
Equivalent Input Noise Voltage 
‐‐ 
45 
150 
nV/√Hz  
VDG = 10V,    ID = 50µA , f = 100Hz 
 
NOTES 
1 . Absolute maximum ratings are limiting values above which PF5301 serviceability may be impaired.  
The PF5301 is a very High Input Impedance N-Channel JFET amplifier
PF5301
N-CHANNEL JFET
Linear Systems replaces discontinued LF5301
The PF5301
N-channel JFET is designed to provide
performance amplification at low frequencies and with
low noise.
The hermetically sealed TO-18 package is well suited
for military applications and harsh environment
PF5301 Applications:
High-Impedance Transducer
Smoke Detector Input
Infrared Detector Amplifier
Precision Test Equipment
PF5301 Benefits:
Insignificant Signal Loss/Error Voltage
with High-Impedance Source
Maximum Signal Output, Low Noise
High Sensitivity to Low-Level Signals
Micross Components Europe
Tel: +44 1603 788967
Email: chipcomponents@micross.com
Web: http://www.micross.com/distribution
Available Packages:
PF5301 in TO-72
PF5301 in bare die.
Please contact Micross for full
package and die dimensions
TO-72 (Bottom View)


Similar Part No. - PF5301

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
PF5301 LINEAR-PF5301 Datasheet
174Kb / 1P
VERY HIGH INPUT IMPEDANCE N-CHANNEL JFET
PF5301 LINEAR-PF5301 Datasheet
182Kb / 1P
VERY HIGH INPUT IMPEDANCE N-CHANNEL JFET AMPLIFIER
logo
NXP Semiconductors
PF5301 NXP-PF5301 Datasheet
142Kb / 11P
12 A / 8 A / 15 A core supply regulators with AVP and watchdog
Rev. 2 - 5 June 2023
logo
Micross Components
PF5301_TO-18 MICROSS-PF5301_TO-18 Datasheet
288Kb / 1P
a very High Input Impedance N-Channel JFET amplifier
PF5301_TO-72 MICROSS-PF5301_TO-72 Datasheet
288Kb / 1P
a very High Input Impedance N-Channel JFET amplifier
More results

Similar Description - PF5301

ManufacturerPart #DatasheetDescription
logo
Micross Components
2N4391 MICROSS-2N4391 Datasheet
299Kb / 1P
Linear Systems replaces discontinued Siliconix
2N4392 MICROSS-2N4392 Datasheet
299Kb / 1P
Linear Systems replaces discontinued Siliconix
2N4393 MICROSS-2N4393 Datasheet
299Kb / 1P
Linear Systems replaces discontinued Siliconix
2N5114 MICROSS-2N5114 Datasheet
310Kb / 1P
Linear Systems replaces discontinued Siliconix
2N5115 MICROSS-2N5115 Datasheet
309Kb / 1P
Linear Systems replaces discontinued Siliconix
2N5116 MICROSS-2N5116 Datasheet
283Kb / 1P
Linear Systems replaces discontinued Siliconix
IT122 MICROSS-IT122 Datasheet
289Kb / 1P
Linear Systems replaces discontinued Intersil IT122
IT124 MICROSS-IT124 Datasheet
289Kb / 1P
Linear Systems replaces discontinued Intersil IT124
J113 MICROSS-J113 Datasheet
289Kb / 1P
Linear Systems replaces discontinued Siliconix J113
J202 MICROSS-J202 Datasheet
276Kb / 1P
Linear Systems replaces discontinued Siliconix J202
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com