Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HC595P Datasheet(PDF) 4 Page - Tiger Electronic Co.,Ltd

Part # 74HC595P
Description  8-Bit Shift Registers with Output Latches
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

74HC595P Datasheet(HTML) 4 Page - Tiger Electronic Co.,Ltd

  74HC595P Datasheet HTML 1Page - Tiger Electronic Co.,Ltd 74HC595P Datasheet HTML 2Page - Tiger Electronic Co.,Ltd 74HC595P Datasheet HTML 3Page - Tiger Electronic Co.,Ltd 74HC595P Datasheet HTML 4Page - Tiger Electronic Co.,Ltd 74HC595P Datasheet HTML 5Page - Tiger Electronic Co.,Ltd 74HC595P Datasheet HTML 6Page - Tiger Electronic Co.,Ltd 74HC595P Datasheet HTML 7Page - Tiger Electronic Co.,Ltd 74HC595P Datasheet HTML 8Page - Tiger Electronic Co.,Ltd 74HC595P Datasheet HTML 9Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
74HC595
Rev 2.2
2013-11-21
4/7
Timing Diagram
Absolute Maximum Ratings
Parameter
Symbol
Scope
Unit
Supply Voltage
VCC
-0.5~7.0
V
DC Input Voltage
VIN
-1.5~VCC +1.5
V
DC Output Voltage
VOUT
-0.5~VCC +0.5
V
DC Output Current
IOUT
±35
mA
DC VCC or GND Current
ICC
±70
mA
Power Dissipation
PD
600
mW
Storage Temperature Range
TSTG
-65~150
℃
Recommended Operating Conditions
Parameter
Symbol
Condition
Min
Max
Unit
Supply Voltage
VCC
2
6
V
DC Input or Output Voltage
VIN ,VOUT
0
VCC
V
Input Rise or Fall Times
tr , tf
VCC =2.0V
1000
ns
VCC =4.5V
500
VCC =6.0V
400
Operating Temperature Range
TA
-40
+85
℃



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com