Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HC595P Datasheet(PDF) 5 Page - Tiger Electronic Co.,Ltd

Part # 74HC595P
Description  8-Bit Shift Registers with Output Latches
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

74HC595P Datasheet(HTML) 5 Page - Tiger Electronic Co.,Ltd

  74HC595P Datasheet HTML 1Page - Tiger Electronic Co.,Ltd 74HC595P Datasheet HTML 2Page - Tiger Electronic Co.,Ltd 74HC595P Datasheet HTML 3Page - Tiger Electronic Co.,Ltd 74HC595P Datasheet HTML 4Page - Tiger Electronic Co.,Ltd 74HC595P Datasheet HTML 5Page - Tiger Electronic Co.,Ltd 74HC595P Datasheet HTML 6Page - Tiger Electronic Co.,Ltd 74HC595P Datasheet HTML 7Page - Tiger Electronic Co.,Ltd 74HC595P Datasheet HTML 8Page - Tiger Electronic Co.,Ltd 74HC595P Datasheet HTML 9Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
74HC595
Rev 2.2
2013-11-21
5/7
Electrical Characteristics
DC Characteristics
Symbol
Parameter
Condition
VCC
TA=25℃
TA=25 to
85℃
TA=-55 to
125℃
Unit
typ
Guaranteed Limits
VIH
Minimum High
Level
Input Voltage
2V
1.5
1.5
1.5
V
4.5V
3.15
3.15
3.15
6V
4.2
4.2
4.2
VIL
Maximum Low
Level Input
Voltage
2V
0.5
0.5
0.5
V
4.5V
1.35
1.35
1.35
6V
1.8
1.8
1.8
VOH
Minimum High
Level
Output Voltage
VIN = VIH or VIL
︱
IOUT ︱≤20μA
2V
2.0
1.9
1.9
1.9
V
4.5V
4.5
4.4
4.4
4.4
6V
6
5.9
5.9
5.9
QH
VIN = VIH or VIL
︱
IOUT ︱≤4.0mA
︱
IOUT ︱≤5.2mA
4.5V
4.2
3.98
3.84
3.7
V
6V
5.2
5.48
5.34
5.2
QA to QH
VIN = VIH or VIL
︱
IOUT ︱≤6.0mA
︱
IOUT ︱≤7.8mA
4.5V
4.2
3.98
3.84
3.7
V
6.0V
5.7
5.48
5.34
5.2
VOL
Maximum
LOW Level
Output Voltage
VIN = VIH or VIL
︱
IOUT ︱≤20μA
2V
0
0.1
0.1
0.1
V
4.5V
0
0.1
0.1
0.1
6V
0
0.1
0.1
0.1
QH
VIN = VIH or VIL
︱
IOUT ︱≤4.0mA
︱
IOUT ︱≤5.2mA
4.5V
0.2
0.26
0.33
0.4
V
6V
0.2
0.26
0.33
0.4
QA to QH
VIN = VIH or VIL
︱
IOUT ︱≤6.0mA
︱
IOUT ︱≤7.8mA
4.5V
0.2
0.26
0.33
0.4
V
6V
0.2
0.26
0.33
0.4
IIN
Maximum
Input
Current
VIN = VCC or GND
6V
±
0.1
±
1.0
±
1.0
μA
IOZ
Maximum
3-STATE
Output
Leakage
VOUT= VCCor GND
G
= VIH
6V
±
0.5
±
5.0
±
10
μA
ICC
Maximum
Quiescent
Supply Current
VIN = VCC or GND
IOUT= 0μA
6V
8.0
80
160
μA



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com