Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z80C30 Datasheet(PDF) 13 Page - Zilog, Inc.

Part # Z80C30
Description  CMOS SCC Serial Communications Controller
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z80C30 Datasheet(HTML) 13 Page - Zilog, Inc.

Back Button Z80C30 Datasheet HTML 9Page - Zilog, Inc. Z80C30 Datasheet HTML 10Page - Zilog, Inc. Z80C30 Datasheet HTML 11Page - Zilog, Inc. Z80C30 Datasheet HTML 12Page - Zilog, Inc. Z80C30 Datasheet HTML 13Page - Zilog, Inc. Z80C30 Datasheet HTML 14Page - Zilog, Inc. Z80C30 Datasheet HTML 15Page - Zilog, Inc. Z80C30 Datasheet HTML 16Page - Zilog, Inc. Z80C30 Datasheet HTML 17Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 83 page
background image
PS011707-1013
Pin Descriptions
CMOS SCC Serial Communications Controller
Product Specification
5
Pin Descriptions
The following links refer to descriptions of the pin functions common to the Z85C30 and
Z80C30 devices.
• CTSA, CTSB
• DCDA, DCDB
• DTR/REQA, DTR/REQB
• IEI
• IEO
• INT
• INTACK
• PCLK
• RxDA, RxDB
• RTxCA, RTxCB
• RTSA, RTSB
• SYNCA, SYNCB
• TxDA, TxDB
• TRxCA, TRxCB
• W/REQA, W/REQB
CTSA, CTSB
Clear To Send (inputs, active Low) .
If these pins are programmed for Auto Enable
functions, a Low on the inputs enables the respective transmitters. If not programmed as
Auto Enable, these pins can be used as general-purpose inputs. Both inputs are Schmitt-
trigger buffered to accommodate slow rise-time inputs. The SCC detects pulses on these
inputs and can interrupt the CPU on both logic level transitions.
DCDA, DCDB
Data Carrier Detect (inputs, active Low) .
These pins function as receiver enables if
programmed for Auto Enable. Otherwise, these pins are used as general-purpose input
pins. Both pins are Schmitt-trigger buffered to accommodate slow rise-time signals. The
SCC detects pulses on these pins and can interrupt the CPU on both logic level transitions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com