Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z80C30 Datasheet(PDF) 39 Page - Zilog, Inc.

Part # Z80C30
Description  CMOS SCC Serial Communications Controller
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z80C30 Datasheet(HTML) 39 Page - Zilog, Inc.

Back Button Z80C30 Datasheet HTML 35Page - Zilog, Inc. Z80C30 Datasheet HTML 36Page - Zilog, Inc. Z80C30 Datasheet HTML 37Page - Zilog, Inc. Z80C30 Datasheet HTML 38Page - Zilog, Inc. Z80C30 Datasheet HTML 39Page - Zilog, Inc. Z80C30 Datasheet HTML 40Page - Zilog, Inc. Z80C30 Datasheet HTML 41Page - Zilog, Inc. Z80C30 Datasheet HTML 42Page - Zilog, Inc. Z80C30 Datasheet HTML 43Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 83 page
background image
PS011707-1013
Functional Descriptions
CMOS SCC Serial Communications Controller
Product Specification
31
The sequence for operation of the byte count and FIFO logic is to read the registers in the
following order. RR7, RR6, and RR1 (reading RR6 is optional). Additional logic prevents
the FIFO from being emptied by multiple reads from RR1. The read from RR7 latches the
FIFO empty/full status bit (D6) and steers the status multiplexer to read from the SCC
megacell instead of the status FIFO (since the status FIFO is empty). The read from RR1
Figure 13. SDLC Frame Status FIFO
Over
Equal
Reset on Flag Detect
Increment on Byte Detection
Enable Count in SDLC
End of Frame Signal
Status Read Comp
Tail Pointer
4-Bit Counter
Head Pointer
4-Bit Counter
4-Bit Comparator
14 Bits
Byte Counter
Frame Status FIFO Circuitry
5 Bits
FIFO Array
10 Deep by 19 Bits Wide
SCC Status Reg
Residue Bits (3)
Overrun, CRC Error
RR1
5 Bits
EN
6 Bits
8 Bits
6-Bit MUX
2 Bits
EOF = 1
6 Bits
RR1
Bit 7 Bit 6
Bits 5-0
RR6
FIFO Enable
RR7 D5-D0 + RR6 D7-D0
Byte Counter Contains 14 bits
for a 16 KByte maximum count
RR7 D6
FIFO Data available status bit Status Bit set to 1
When reading from FIFO
RR7 D7
FIFO Overflow Status Bit
MSB pf RR(7) is set on Status FIFO overflow
WR(15) Bit 2
Set Enables
Status FIFO
In SDLC Mode the following definitions apply
Interface
to SCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com