Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INTERNETOFFICE300 Datasheet(PDF) 3 Page - Tripp Lite. All Rights Reserved

Part # INTERNETOFFICE300
Description  Internet Office 300VA Ultra-compact Standby 120V
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

INTERNETOFFICE300 Datasheet(HTML) 3 Page - Tripp Lite. All Rights Reserved

  INTERNETOFFICE300 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved INTERNETOFFICE300 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved INTERNETOFFICE300 Datasheet HTML 3Page - Tripp Lite. All Rights Reserved INTERNETOFFICE300 Datasheet HTML 4Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
AC Suppression Response Time
Instantaneous
Dataline Suppression
1 line TEL / DSL or 10Base T Ethernet protection
PHYSICAL
Installation Form Factors Supported
with Included Accessories
Tower; Ultra-compact desktop
Primary Form Factor
Desktop
UPS Power Module Dimensions
(hwd, in.)
2.6 x 11 x 4.5
UPS Power Module Dimensions
(hwd, cm)
6.7 x 27.9 x 11.4
UPS Power Module Weight (lbs.)
4
UPS Power Module Weight (kg)
1.8
UPS Shipping Dimensions (hwd / in.)
4.5 x 13 x 8.2
UPS Shipping Dimensions (hwd /
cm)
11.4 x 33 x 21
Shipping Weight (lbs.)
5.4
Shipping Weight (kg)
2.5
UPS Housing Material
ABS
ENVIRONMENTAL
Operating Temperature Range
+32 to +104 degrees Fahrenheit / 0 to +40 degrees Celsius
Storage Temperature Range
+5 to +122 degrees Fahrenheit / -15 to +50 degrees Celsius
Relative Humidity
0 to 95%, non-condensing
AC Mode BTU / Hr. (Full Load)
32.6
Battery Mode BTU / Hr. (Full Load)
44.3
AC Mode Efficiency Rating (100%
Load)
94%
LINE / BATTERY TRANSFER
Transfer Time
2-4 milliseconds
Low Voltage Transfer to Battery
Power (Setpoint)
99V
High Voltage Transfer to Battery
Power (Setpoint)
141V
SPECIAL FEATURES
Green Energy-Saving Features
Greater than 95% efficiency - GREEN UPS
CERTIFICATIONS
3 / 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com