Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INTERNETOFFICE300 Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part # INTERNETOFFICE300
Description  Internet Office 300VA Ultra-compact Standby 120V
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

INTERNETOFFICE300 Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  INTERNETOFFICE300 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved INTERNETOFFICE300 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved INTERNETOFFICE300 Datasheet HTML 3Page - Tripp Lite. All Rights Reserved INTERNETOFFICE300 Datasheet HTML 4Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Frequency Compatibility
50 / 60 Hz
Output Voltage Regulation (Battery
Mode)
+/- 5%
UPS Output Receptacles
6 5-15R outlet(s)
UPS Output Receptacles (Surge
Suppression Only)
3 UPS outlets, 3 surge-only outlets
Output Circuit Breakers
15A
Hot-Swap PDU options
PDUB15 (2U / 8 5-15R outlets)
Output AC Waveform (AC Mode)
Sine wave
Output AC Waveform (Battery Mode)
PWM sine wave
INPUT
Rated input current (Maximum Load)
12A
Nominal Input Voltage(s) Supported
120V AC
UPS Input Connection Type
5-15P
UPS Input Cord Length (ft.)
6
UPS Input Cord Length (m)
1.8
Recommended Electrical Service
15A 120V
Input Cord Length (ft.)
6
Input Cord Length (m)
1.8
Input Phase
Single-Phase
BATTERY
Full Load Runtime (min.)
4 min. (150w)
Half Load Runtime (min.)
10 min. (75w)
DC System Voltage (VDC)
12
LEDS ALARMS & SWITCHES
LED Indicators
5 LEDs indicate complete UPS operational status
Switches
Power off / on switch
SURGE / NOISE SUPPRESSION
UPS AC Suppression Joule Rating
380
UPS AC Suppression Response
Time
Instantaneous
UPS Dataline Suppression
1 line TEL/DSL (1 in / 1 out); 10/100Base T Ethernet
EMI / RFI AC Noise Suppression
Yes
AC Suppression Joule Rating
380
2 / 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com