Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSF2N60D Datasheet(PDF) 7 Page - Silikron Semiconductor Co.,LTD.

Part # SSF2N60D
Description  Main Product Characteristics
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILIKRON [Silikron Semiconductor Co.,LTD.]
Direct Link  http://www.silikron.com
Logo SILIKRON - Silikron Semiconductor Co.,LTD.

SSF2N60D Datasheet(HTML) 7 Page - Silikron Semiconductor Co.,LTD.

  SSF2N60D Datasheet HTML 1Page - Silikron Semiconductor Co.,LTD. SSF2N60D Datasheet HTML 2Page - Silikron Semiconductor Co.,LTD. SSF2N60D Datasheet HTML 3Page - Silikron Semiconductor Co.,LTD. SSF2N60D Datasheet HTML 4Page - Silikron Semiconductor Co.,LTD. SSF2N60D Datasheet HTML 5Page - Silikron Semiconductor Co.,LTD. SSF2N60D Datasheet HTML 6Page - Silikron Semiconductor Co.,LTD. SSF2N60D Datasheet HTML 7Page - Silikron Semiconductor Co.,LTD. SSF2N60D Datasheet HTML 8Page - Silikron Semiconductor Co.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
SSF2N60D
©Silikron Semiconductor CO.,LTD.
2013.08.27
Version : 1.0
page 7 of 8
www.silikron.com
Ordering and Marking Information
Device Marking: SSF2N60D
Package (Available)
TO-252(D-PAK)
Operating Temperature Range
C : -55 to 150 ºC
Devices per Unit(options)
Reliability Test Program
Test Item
Conditions
Duration
Sample Size
High
Temperature
Reverse
Bias(HTRB)
Tj=125℃ to 150℃ @
80% of Max
VDSS/VCES/VR
168 hours
500 hours
1000 hours
3 lots x 77 devices
High
Temperature
Gate
Bias(HTGB)
Tj=150℃ @ 100% of
Max VGSS
168 hours
500 hours
1000 hours
3 lots x 77 devices
Tapes/Inner
Units/Inner
Inner
Units/Carton
Box
Box
Boxes/Carton
Box
Box
TO-252
2500
2
5000
7
35000
TO-252
2500
1
2500
10
25000
TO-252
800
5
4000
8
32000
Package
Type
Units/Tape



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com