Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSF2N60D Datasheet(PDF) 1 Page - Silikron Semiconductor Co.,LTD.

Part # SSF2N60D
Description  Main Product Characteristics
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILIKRON [Silikron Semiconductor Co.,LTD.]
Direct Link  http://www.silikron.com
Logo SILIKRON - Silikron Semiconductor Co.,LTD.

SSF2N60D Datasheet(HTML) 1 Page - Silikron Semiconductor Co.,LTD.

  SSF2N60D Datasheet HTML 1Page - Silikron Semiconductor Co.,LTD. SSF2N60D Datasheet HTML 2Page - Silikron Semiconductor Co.,LTD. SSF2N60D Datasheet HTML 3Page - Silikron Semiconductor Co.,LTD. SSF2N60D Datasheet HTML 4Page - Silikron Semiconductor Co.,LTD. SSF2N60D Datasheet HTML 5Page - Silikron Semiconductor Co.,LTD. SSF2N60D Datasheet HTML 6Page - Silikron Semiconductor Co.,LTD. SSF2N60D Datasheet HTML 7Page - Silikron Semiconductor Co.,LTD. SSF2N60D Datasheet HTML 8Page - Silikron Semiconductor Co.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
SSF2N60D
©Silikron Semiconductor CO.,LTD.
2013.08.27
Version : 1.0
page 1 of 8
www.silikron.com
Main Product Characteristics
Features and Benefits
Description
Absolute Max Rating
Symbol
Parameter
Max.
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V①
2
A
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V①
1.3
IDM
Pulsed Drain Current②
8
PD @TC = 25°C
Power Dissipation③
42
W
Linear Derating Factor
0.34
W/°C
VDS
Drain-Source Voltage
600
V
VGS
Gate-to-Source Voltage
±30
V
EAS
Single Pulse Avalanche Energy @ L=53mH
116
mJ
IAS
Avalanche Current @ L=53mH
2.1
A
TJ
TSTG
Operating Junction and Storage Temperature Range
-55 to +150
°C
VDSS
600V
RDS(on)
3.8
Ω (typ.)
ID
2A
TO-252
Marking and Pin
Assignment
Schematic Diagram
Advanced MOSFET process technology
Special designed for PWM, load switching and
general purpose applications
Ultra low on-resistance with low gate charge
Fast switching and reverse body recovery
150℃ operating temperature
It utilizes the latest processing techniques to achieve the high cell density and reduces the on-resistance with
high repetitive avalanche rating. These features combine to make this design an extremely efficient and reliable
device for use in power switching application and a wide variety of other applications.


Similar Part No. - SSF2N60D

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
SSF2N60D1 GOOD-ARK-SSF2N60D1 Datasheet
928Kb / 7P
600V N-Channel MOSFET
SSF2N60D1 GOOD-ARK-SSF2N60D1_15 Datasheet
928Kb / 7P
600V N-Channel MOSFET
logo
Silikron Semiconductor ...
SSF2N60D2 SILIKRON-SSF2N60D2 Datasheet
467Kb / 8P
Main Product Characteristics
logo
GOOD-ARK Electronics
SSF2N60D2 GOOD-ARK-SSF2N60D2 Datasheet
917Kb / 7P
600V N-Channel MOSFET
SSF2N60D2 GOOD-ARK-SSF2N60D2_15 Datasheet
917Kb / 7P
600V N-Channel MOSFET Preliminary
More results

Similar Description - SSF2N60D

ManufacturerPart #DatasheetDescription
logo
Silikron Semiconductor ...
2N7002KB SILIKRON-2N7002KB Datasheet
507Kb / 7P
Main Product Characteristics
SSBD2060CT SILIKRON-SSBD2060CT Datasheet
488Kb / 6P
Main Product Characteristics
SSBD10100CT SILIKRON-SSBD10100CT Datasheet
468Kb / 6P
Main Product Characteristics
SSBD10150CT SILIKRON-SSBD10150CT Datasheet
301Kb / 6P
Main Product Characteristics
SSBD20200CT SILIKRON-SSBD20200CT Datasheet
333Kb / 6P
Main Product Characteristics
SSF2N60G SILIKRON-SSF2N60G Datasheet
457Kb / 8P
Main Product Characteristics
SSF4N60F SILIKRON-SSF4N60F Datasheet
529Kb / 8P
Main Product Characteristics
SSF5N50D SILIKRON-SSF5N50D Datasheet
526Kb / 8P
Main Product Characteristics
SSF5N60D SILIKRON-SSF5N60D Datasheet
489Kb / 8P
Main Product Characteristics
logo
GOOD-ARK Electronics
GDSSF22A5E GOOD-ARK-GDSSF22A5E_15 Datasheet
750Kb / 5P
Main Product Characteristics
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com