Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7703401YA Datasheet(PDF) 5 Page - Microsemi Corporation

Part # 7703401YA
Description  1.5A Three Terminal Adj. Voltage Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

7703401YA Datasheet(HTML) 5 Page - Microsemi Corporation

  7703401YA Datasheet HTML 1Page - Microsemi Corporation 7703401YA Datasheet HTML 2Page - Microsemi Corporation 7703401YA Datasheet HTML 3Page - Microsemi Corporation 7703401YA Datasheet HTML 4Page - Microsemi Corporation 7703401YA Datasheet HTML 5Page - Microsemi Corporation 7703401YA Datasheet HTML 6Page - Microsemi Corporation 7703401YA Datasheet HTML 7Page - Microsemi Corporation 7703401YA Datasheet HTML 8Page - Microsemi Corporation 7703401YA Datasheet HTML 9Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
SG117 / 217 / 317 / 117A / 217A / 317A
Microsemi
Integrated Products Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 5
Copyright
© 1994
Rev. 1.3, 2006-02-08
1.5A Three Terminal Adj. Voltage Regulator
TM
®
CHARACT ER ISTIC CURVERS
Figure 1 – Output Voltage Deviation vs.
Temperature
Figure 2 – Output Current vs. Input / Output
Differential
Figure 3 – Adjustable Current vs. Temperature
Figure 4 – Input / Output Differential vs.
Temperature
Figure 5 – Reference Voltage vs. Temperature Figure 6 – Quiescent Current vs. Input / Output
Differential
Figure 7 – Ripple Rejection vs. Output Voltage
Figure 8 – Ripple Rejection vs. Frequency
Figure 9 – Ripple Rejection vs. Output Current



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com