Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7703401YA Datasheet(PDF) 9 Page - Microsemi Corporation

Part # 7703401YA
Description  1.5A Three Terminal Adj. Voltage Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

7703401YA Datasheet(HTML) 9 Page - Microsemi Corporation

  7703401YA Datasheet HTML 1Page - Microsemi Corporation 7703401YA Datasheet HTML 2Page - Microsemi Corporation 7703401YA Datasheet HTML 3Page - Microsemi Corporation 7703401YA Datasheet HTML 4Page - Microsemi Corporation 7703401YA Datasheet HTML 5Page - Microsemi Corporation 7703401YA Datasheet HTML 6Page - Microsemi Corporation 7703401YA Datasheet HTML 7Page - Microsemi Corporation 7703401YA Datasheet HTML 8Page - Microsemi Corporation 7703401YA Datasheet HTML 9Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
SG117 / 217 / 317 / 117A / 217A / 317A
Microsemi
Integrated Products Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 9
Copyright
© 1994
Rev. 1.3, 2006-02-08
1.5A Three Terminal Adj. Voltage Regulator
TM
®
CONNECTION DIAGRAMS & ORDERING IN FORMATION (SEE NO TES BELOW )
Package
Part No.
Ambient
Temperature Range
Connection Diagram
SG117AK/883B
-55°C to 125°C
SG117AK/DESC
-55°C to 125°C
SG117AK
-55°C to 125°C
SG217AK
-25°C to 85°C
SG317AK
0°C to 70°C
SG117K/883B
-55°C to 125°C
JAN117K
-55°C to 125°C
SG117K/DESC
-55°C to 125°C
SG117K
-55°C to 125°C
SG217K
-25°C to 85°C
3-Terminal TO-3 Metal Can
K – Package
SG317K
0°C to 70°C
ADJUSTMENT
V
IN
1
2
Case is VOUT
SG117AR/883B
-55°C to 125°C
SG117AR/DESC
-55°C to 125°C
SG117AR
-55°C to 125°C
SG217AR
-25°C to 85°C
SG317AR
0°C to 70°C
SG117R/883B
-55°C to 125°C
SG117AR/DESC
-55°C to 125°C
SG117R
-55°C to 125°C
SG217R
-25°C to 85°C
3-Pin TO-66 Metal Can
R – Package
SG317R
0°C to 70°C
ADJUSTMENT
V
IN
1
2
Case is VOUT
SG117AT/883B
-55°C to 125°C
SG117AT/DESC
-55°C to 125°C
SG117AT
-55°C to 125°C
SG217AT
-25°C to 85°C
SG317AT
0°C to 70°C
SG117T/883B
-55°C to 125°C
JAN117T
-55°C to 125°C
SG117T/DESC
-55°C to 125°C
SG117T
-55°C to 125°C
SG217T
-25°C to 85°C
3-Pin TO-39 Metal Can
T – Package
SG317T
0°C to 70°C
1
2
3
V
IN
ADJUST
V
OUT
Case is VOUT
SG117AIG/883B
-55°C to 125°C
SG117AIG/DESC
-55°C to 125°C
SG117AIG
-55°C to 125°C
SG117IG/883B
-55°C to 125°C
SG117IG/DESC
-55°C to 125°C
3-Pin Hermetic TO-257
IG – Package (Isolated)
SG117IG
-55°C to 125°C
V
IN
V
OUT
ADJUST
SG117AL/883B
-55°C to 125°C
SG117AL/DESC
-55°C to 125°C
SG117AL
-55°C to 125°C
SG117L/883B
-55°C to 125°C
SG117L/DESC
-55°C to 125°C
SG117L
-55°C to 125°C
20-Pin Ceramic (LCC) Leadless Chip
Carrier
L – Package
V
OUT SENSE
N.C.
N.C.
N.C.
ADJUST
N.C.
N.C.
N.C.
V
OUT
N.C.
SG117AG/883B
-55°C to 125°C
SG117AG/DESC
-55°C to 125°C
SG117AG
-55°C to 125°C
SG117G/883B
-55°C to 125°C
3-Pin Hermetic TO-257
G – Package (Case is VOUT)
SG117G
-55°C to 125°C
V
IN
V
OUT
ADJUST
Case is VOUT
SG117AF
-55°C to 125°C
SG117AF/883B
-55°C to 125°C
SG117F
-55°C to 125°C
10-Pin Flatpack
F – Package
SG117F/883B
-55°C to 125°C
1
2
3
4
5
6
7
8
9
10
N.C.
N.C.
V
OUT
N.C.
V
OUT
ADJUST
V
IN
V
IN
N.C.
N.C.
Note
1: Contact factory for JAN and DESC product availability.
2: All parts are viewed from the top.
3: Both inputs and outputs must be externally connected together at the device terminals.
4: For normal operation, the SENSE pin must be externally connected to the load.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com