Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HA17451AFP Datasheet(PDF) 1 Page - Hitachi Semiconductor

Part # HA17451AFP
Description  Switching Regulator Controllers for DC/DC Converters
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HA17451AFP Datasheet(HTML) 1 Page - Hitachi Semiconductor

  HA17451AFP Datasheet HTML 1Page - Hitachi Semiconductor HA17451AFP Datasheet HTML 2Page - Hitachi Semiconductor HA17451AFP Datasheet HTML 3Page - Hitachi Semiconductor HA17451AFP Datasheet HTML 4Page - Hitachi Semiconductor HA17451AFP Datasheet HTML 5Page - Hitachi Semiconductor HA17451AFP Datasheet HTML 6Page - Hitachi Semiconductor HA17451AFP Datasheet HTML 7Page - Hitachi Semiconductor HA17451AFP Datasheet HTML 8Page - Hitachi Semiconductor HA17451AFP Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
HA17451AP/HA17451AFP
Switching Regulator Controllers for DC/DC Converters
Description
The HA17451 is a dual-channel switching regulator controller IC. Each channel contains the basic circuits
for controlling a PWM-type switching-regulator power supply. Both channels are integrated onto the same
chip. Both channels can be completely synchronized, using the same oscillator output waveform. Each
channel can provide output voltages for step-up, step-down, inverting, and other converter topologies.
These controllers operate at voltages from 3.3 V to 40 V, making them suitable for a wide range of
applications. They are ideal for chopper-type DC/DC converters. They are similar to the TL1451, but note
that the HA17451A differs from the TL1451A.
Functions
• Low-dropout 2.5V voltage reference
• Undervoltage lockout
• Triangle-wave oscillator
• Adjustable dead-time control
• Error amplifier
• Output driver (open-collector transistor type)
• PWM comparator


Similar Part No. - HA17451AFP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HA17451 RENESAS-HA17451 Datasheet
499Kb / 38P
Switching Regulator for Chopper Type DC/DC Converter
HA17451 RENESAS-HA17451 Datasheet
439Kb / 34P
Switching Regulator for Chopper Type DC/DC Converter
More results

Similar Description - HA17451AFP

ManufacturerPart #DatasheetDescription
logo
Rohm
BA9700A ROHM-BA9700A Datasheet
141Kb / 7P
Switching regulator for DC / DC Converters
logo
Hitachi Semiconductor
HA16116FP HITACHI-HA16116FP Datasheet
250Kb / 34P
Switching Regulator for Chopper Type DC/DC Converter
logo
Toshiba Semiconductor
TPC8012-H TOSHIBA-TPC8012-H Datasheet
125Kb / 4P
Switching Regulator Application DC-DC Converters
logo
Torex Semiconductor
XC6371 TOREX-XC6371 Datasheet
235Kb / 14P
PWM Controlled Step-Up DC/DC Controllers/Converters
XC6371 TOREX-XC6371_1 Datasheet
770Kb / 18P
PWM Controlled Step-Up DC/DC Controllers/Converters
XC6371 TOREX-XC6371_2 Datasheet
742Kb / 19P
PWM Controlled Step-Up DC/DC Controllers/Converters
logo
Renesas Technology Corp
HA16114P RENESAS-HA16114P Datasheet
499Kb / 38P
Switching Regulator for Chopper Type DC/DC Converter
HA16116FP RENESAS-HA16116FP Datasheet
439Kb / 34P
Switching Regulator for Chopper Type DC/DC Converter
logo
Diodes Incorporated
ZXSC4X0 DIODES-ZXSC4X0 Datasheet
483Kb / 17P
DC-DC BOOST SWITCHING CONTROLLERS
Rev 5
ZXSC410 DIODES-ZXSC410_15 Datasheet
512Kb / 17P
DC-DC BOOST SWITCHING CONTROLLERS
Rev 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com